Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD13465 Datasheet(PDF) 2 Page - Analog Devices

Part # AD13465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465 Datasheet(HTML) 2 Page - Analog Devices

  AD13465 Datasheet HTML 1Page - Analog Devices AD13465 Datasheet HTML 2Page - Analog Devices AD13465 Datasheet HTML 3Page - Analog Devices AD13465 Datasheet HTML 4Page - Analog Devices AD13465 Datasheet HTML 5Page - Analog Devices AD13465 Datasheet HTML 6Page - Analog Devices AD13465 Datasheet HTML 7Page - Analog Devices AD13465 Datasheet HTML 8Page - Analog Devices AD13465 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD13465–TARGET SPECIFICATIONS
(AVCC = 5 V; AVEE = –5 V; DVCC = 3.3 V applies to each ADC with Front
End Amplifier unless otherwise noted.)
Test
Mil Sub-
AD13465AZ/BZ
Parameter
Temp
Level
Group
Min
Typ
Max
Unit
RESOLUTION
14
Bits
DC ACCURACY
No Missing Codes
Full
IV
12
Guaranteed
Offset Error
25
°C
I
1
–2.2
±0.2
+2.2
% FS
Full
VI
2, 3
–2.2
±1.0
+2.2
% FS
Offset Error Channel Match
Full
VI
1, 2, 3
–1.0
±0.1
+1.0
% FS
Gain Error
1
25
°C
I
1
–3.0
–1.0
+1.0
% FS
Full
VI
2, 3
–5.0
±2.0
+5.0
% FS
Gain Error Channel Match
25
°C
I
1
+1.5
±0.5
+1.5
% FS
Max
VI
2
–3.0
±1.0
+3.0
% FS
Min
VI
3
–5.0
±1.0
+5.0
% FS
SINGLE-ENDED ANALOG INPUT
Input Voltage Range
AMP-IN-X-1
Full
V
±0.5
V
AMP-IN-X-2
Full
V
±1.0
V
Input Resistance
AMP-IN-X-1
Full
IV
12
99
100
101
Ω
AMP-IN-X-2
Full
IV
12
198
200
202
Ω
Input Capacitance
2
4.0
7.0
pF
Analog Input Bandwidth
3
Full
V
100
MHz
DIFFERENTIAL ANALOG INPUT
Analog Signal Input Range
A+IN to A–IN and B+IN to B–IN
4
Full
V
±1.0
V
Input Impedance
Full
V
618
Ω
Analog Input Bandwidth
3
Full
V
50
MHz
ENCODE INPUT (ENC, ENC)
5
Differential Input Voltage
Full
IV
12
0.4
V p-p
Differential Input Resistance
25
°CV
10
k
Ω
Differential Input Capacitance
25
°C
V
2.5
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate
6
Full
VI
4, 5, 6
65
MSPS
Minimum Conversion Rate
6
Full
IV
12
20
MSPS
Aperture Delay (tA)25
°C
V
1.5
ns
Aperture Delay Matching
25
°C
IV
12
250
500
ps
Aperture Uncertainty (Jitter)
25
°C
V
0.3
ps rms
ENCODE Pulse with High
25
°C
IV
12
5.0
7.7
9.5
ns
ENCODE Pulse with Low
25
°C
IV
12
5.0
7.7
9.5
ns
Output Delay (tOD)
Full
IV
12
7.5
ns
Encode, Rising to Data Ready,
Full
V
11.5
ns
Rising Delay
SNR
7
Analog Input @ 4.98 MHz
25
°C
V
72
dBFS
Analog Input @ 9.9 MHz
25
°C
I
4
70
72
dBFS
Full
II
5, 6
69
71
dBFS
Analog Input @ 21 MHz
25
°C
I
4
69
71
dBFS
Full
II
5, 6
68
70
dBFS
Analog Input @ 32 MHz
25
°C
V
70
dBFS
Full
V
69
dBFS
SINAD
8
Analog Input @ 4.98 MHz
25
°C
V
72
dBFS
Analog Input @ 9.9 MHz
25
°C
I
4
69
72
dBFS
Full
II
5, 6
68.5
70.5
dBFS
Analog Input @ 21 MHz
25
°C
I
4
66.5
70
dBFS
Full
II
5, 6
66
69
dBFS
Analog Input @ 32 MHz
25
°C
V
63
dBFS
Full
V
61
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com