Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1385 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices AD1385 Datasheet HTML 10Page - Analog Devices AD1385 Datasheet HTML 11Page - Analog Devices AD1385 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD1385
REV. 0
–8–
CONNECTION AND OPERATION OF THE AD1385
Analog Input
The analog input should be connected to the Track/Hold Input
(Pin 25). Two pin programmable operating ranges are available:
±5 V and ±10 V. Connect the Track/Hold Output to V
IN A and/
or VIN B as follows:
Desired Scale
Connect VIN A to
Connect VIN B to
±5 V
Track/Hold Output
Track/Hold Output
±10 V
Track/Hold Output
Analog Signal GND
Harmonic distortion is lower when using the
±5 V range, while
noise is lower when using the
±10 V range.
The AD1385’s noise and distortion performance exceed the
capability of most signal sources. Maintaining this performance
at the system level requires attention to every detail of ground-
ing, bypassing, and signal sources. A low impedance high band-
width signal source is essential to achieve low distortion. Few
monolithic amplifiers exist which can maintain signal fidelity at
levels comparable with the AD1385’s performance, even at low
frequencies. High bandwidth means increased noise and de-
creased SNR. See Testing the AD1385 for techniques of achiev-
ing the lowest possible noise and distortion.
Grounding
Proper treatment of the AD1385’s power and ground connec-
tions is vital to achieve the best possible system performance.
The ideal grounding arrangement is to have a single, solid, low
impedance ground plane beneath the device to which all ground
and supply bypassing connections are made. This results in the
lowest possible ground noise and minimizes undesired interac-
tions between the sensitive circuits inside the AD1385. Aperture
uncertainty, for example, can be degraded by noise in Power
Ground because the Hold Command signals are referenced to
this ground. The digital interface between the AD1385 and the
rest of the user’s system is also critical. The following discussion
will help in obtaining optimal performance. These guidelines are
general and apply equally well to other high performance analog
and digital circuits.
The AD1385 must connect to three other parts of the system:
the input signal(s), the power supplies, and the digital interface.
The system designer must determine the magnitude and type of
ground currents and whether they are constant or dynamic. A
system block diagram is a valuable aid to understanding how
grounds should be connected for good performance. Figure 14
shows recommended ground connections for the AD1385 in a
typical system.
Figure 14. AD1385 Grounding
The AD1385 has a net ground current of about 40 mA. Most of
this flows in the power grounds. There are also substantial dy-
namic currents in the power grounds. The signal grounds have
primarily low level static (dc) currents. Signal and power
grounds are separated inside the hybrid because the resistance
and inductance inherent in thick-film construction would cause
interactions between ground currents, leading to poor perfor-
mance. (Remember that an LSB can be as small as 156
µV.)
Care must be taken to prevent the AD1385’s ground currents
from flowing in the signal ground between the signal source and
the AD1385 if this ground has significant resistance. This is not
usually a problem if the signal source is located on the same
board as the AD1385 because the resistance can be made very
low through the use of a ground plane.
The signal source’s ground and supply currents must be consid-
ered when the source and ADC share common power supplies.
A ground loop formed by the AD1385, the signal source, and
the power supplies can cause significant errors.
The connection between the AD1385’s ground plane and the
system’s digital ground is best made away from the AD1385.
This will prevent noisy system ground currents from passing
through critical parts of the ADC. In a very noisy environment it
may be wise to isolate the entire analog circuit. Figure 14 shows
the required isolation provided by a digital buffer. The buffer
can then drive resistive and/or capacitive loads without compro-
mising ground at the ADC. Using separate isolated supplies for
the ADC and signal source will result in a single-point connec-
tion between system digital ground and the ADC’s ground plane
at the digital buffer.
Power Supplies and Bypassing
The AD1385 has four sets of power supply pins. These are:
±5 V Analog (V
DD1/VSS1)
±15 V
(+VS1/–VS1)
±15 V
(+VS2/–VS2)
±5 V Power (V
DD2/VSS2)
A single source may be used to supply like voltages (e.g., VDD1,
VDD2 from the same +5 V supply). Each of the four
±5 V supply
pins should have a distinct low impedance connection to a
well-bypassed central source node. This is required because
each pin draws large transient currents. These dynamic cur-
rents, if passed through a common supply path, would intro-
duce crosstalk and increase the AD1385’s apparent noise. The
two sets of
±15 V supplies need not be split in this fashion.
Every AD1385 supply pin should be bypassed to the ground
plane with a high quality ceramic capacitor of 0.01
µF to 0.1 µF.
This capacitor should be located as close as possible to the
AD1385 to minimize lead lengths. Each VDD and VSS pin must
also be bypassed to the ground plane with a 10
µF solid tanta-
lum bypass capacitor located close to the AD1385. Ten micro-
farad bypass capacitors for
±V
S2 (Pins 21 and 23) are also
necessary. These power distribution concepts are shown in
Figure 15.
All power supplies should be of the linear type. Switching power
supplies are not recommended as they can introduce consider-
able high frequency noise into sensitive analog signal paths, de-
grading the AD1385’s apparent performance.
Supply pins of equivalent voltage should not be allowed to differ
by more than 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com