Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ11012 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJ11012
Description  30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ11012 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ11012 Datasheet HTML 1Page - Motorola, Inc MJ11012 Datasheet HTML 2Page - Motorola, Inc MJ11012 Datasheet HTML 3Page - Motorola, Inc MJ11012 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
High-Current Complementary
Silicon Transistors
. . . for use as output devices in complementary general purpose amplifier applica-
tions.
• High DC Current Gain — hFE = 1000 (Min) @ IC – 20 Adc
• Monolithic Construction with Built–in Base Emitter Shunt Resistor
• Junction Temperature to +200_C
MAXIMUM RATINGS
Rating
Symbol
MJ11012
MJ11013
MJ11014
MJ11015
MJ11016
Unit
Collector–Emitter Voltage
VCEO
60
90
120
Vdc
Collector–Base Voltage
VCB
60
90
120
Vdc
Emitter–Base Voltage
VEB
5
Vdc
Collector Current
IC
30
Adc
Base Current
IB
1
Adc
Total Device Dissipation @TC = 25_C
Derate above 25
_C @ TC = 100_C
PD
200
1.15
Watts
W/
_C
Operating Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.87
_C/W
Maximum Lead Temperature for
Soldering Purposes for
v 10 Seconds.
TL
275
_C
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 40
PNP
MJ11013
MJ11015
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 40
NPN
MJ11012
MJ11014
MJ11016
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ11012/D
© Motorola, Inc. 1995
MJ11013
MJ11015
MJ11012
MJ11014
MJ11016
30 AMPERE
DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY
SILICON
60 – 120 VOLTS
200 WATTS
*Motorola Preferred Device
PNP
NPN
*
CASE 1–07
TO–204AA
(TO–3)
REV 1


Similar Part No. - MJ11012

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11012 MOSPEC-MJ11012 Datasheet
140Kb / 3P
POWER TRANSISTORS(30A,60-120V,200W)
logo
ON Semiconductor
MJ11012 ONSEMI-MJ11012 Datasheet
157Kb / 4P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Wing Shing Computer Com...
MJ11012 WINGS-MJ11012 Datasheet
19Kb / 1P
NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11012 CENTRAL-MJ11012 Datasheet
54Kb / 1P
Power Transistors
logo
ON Semiconductor
MJ11012 ONSEMI-MJ11012 Datasheet
68Kb / 4P
High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
More results

Similar Description - MJ11012

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com