Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD14160KB-4 Datasheet(PDF) 39 Page - Analog Devices

Part # AD14160KB-4
Description  Quad-SHARC DSP Multiprocessor Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160KB-4 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD14160KB-4 Datasheet HTML 35Page - Analog Devices AD14160KB-4 Datasheet HTML 36Page - Analog Devices AD14160KB-4 Datasheet HTML 37Page - Analog Devices AD14160KB-4 Datasheet HTML 38Page - Analog Devices AD14160KB-4 Datasheet HTML 39Page - Analog Devices AD14160KB-4 Datasheet HTML 40Page - Analog Devices AD14160KB-4 Datasheet HTML 41Page - Analog Devices AD14160KB-4 Datasheet HTML 42Page - Analog Devices AD14160KB-4 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD14160/AD14160L
–39–
REV. A
LOAD CAPACITANCE – pF
16.0
8.0
0
0
200
20
40
60
80
100
120
140
160
180
14.0
12.0
4.0
2.0
10.0
6.0
FALL TIME
RISE TIME
Y = 0.005X + 3.7
Y = 0.0031X + 1.1
Figure 31. Typical Output Rise Time (10%–90%)
vs. Load Capacitance (VDD = 5 V)
LOAD CAPACITANCE – pF
0
2
0
20
40
60
80
100
120
Y = 0.0796X + 1.17
Y = 0.0467X + 0.55
RISE TIME
FALL TIME
140
160
180
200
4
6
8
10
12
14
16
18
Figure 32. Typical Output Rise Time (10%–90%)
vs. Load Capacitance (VDD = 3.3 V)
3.5
0
3.0
2.5
2.0
1.5
1.0
0.5
LOAD CAPACITANCE – pF
0
200
20
40
60
80
100
120
140
160
180
FALL TIME
RISE TIME
Y = 0.009X + 1.1
Y = 0.005X + 0.6
Figure 33. Typical Output Rise Time (0.8 V–2.0 V)
vs. Load Capacitance (VDD = 5 V)
LOAD CAPACITANCE – pF
0
0
20
40
60
80
100
120
Y = 0.0391X + 0.36
Y = 0.0305X + 0.24
RISE TIME
FALL TIME
140
160
180
200
1
2
3
4
5
6
7
8
9
Figure 34. Typical Output Rise Time (0.8 V –2.0 V)
vs. Load Capacitance (VDD = 3.3 V)
LOAD CAPACITANCE – pF
5
–1
25
200
50
75
100
125
150
175
4
3
2
1
NOMINAL
Y = 0.03X –1.45
Figure 35. Typical Output Delay or Hold vs. Load Capaci-
tance (at Maximum Case Temperature) (VDD = 5 V)
LOAD CAPACITANCE – pF
5
–1
25
200
50
75
100
125
150
175
4
3
2
1
NOMINAL
Y = 0.0329X –1.65
Figure 36. Typical Output Delay or Hold vs. Load Capaci-
tance (at Maximum Case Temperature) (VDD = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com