Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1672AP Datasheet(PDF) 4 Page - Analog Devices

Part # AD1672AP
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672AP Datasheet(HTML) 4 Page - Analog Devices

  AD1672AP Datasheet HTML 1Page - Analog Devices AD1672AP Datasheet HTML 2Page - Analog Devices AD1672AP Datasheet HTML 3Page - Analog Devices AD1672AP Datasheet HTML 4Page - Analog Devices AD1672AP Datasheet HTML 5Page - Analog Devices AD1672AP Datasheet HTML 6Page - Analog Devices AD1672AP Datasheet HTML 7Page - Analog Devices AD1672AP Datasheet HTML 8Page - Analog Devices AD1672AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1672
REV. 0
–4–
tOD
S1
S1
S2
S2
S3
S3
DATA 1
DATA 2
ANALOG
INPUT
INPUT
CLOCK
DATA
OUTPUT
OTR
tC
tCL
tCH
Figure 1. Timing Diagram
SWITCHING SPECIFICATIONS
Parameter
Symbol
Value
Units
Clock Period
tC
334
ns min
Clock
Pulse Width High
tCH
167
ns min
Pulse Width Low
tCL
167
ns min
Output Delay
tOD
15
ns min
30
ns typ
Pipeline Delay (Latency)
2.5
Clock Cycles
ABSOLUTE MAXIMUM RATINGS*
Parameter
With Respect to
Min
Max
Units
VCC
ACOM
–0 5
+6.5
Volts
VDD
DCOM
–0.5
+6.5
Volts
DRVDD
DRCOM
–0.5
+6.5
Volts
ACOM
DCOM, DRCOM –0.5
+0.5
Volts
CLOCK
DCOM
–0.5
VDD + 0.5
Volts
Digital Outputs DCOM
–0.5
DRVDD + 0.5 Volts
AIN
ACOM
–6.5
+6.5
Volts
REFIN
ACOM
–0.5
VCC + 0.5
Volts
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may effect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1672 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com