Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1833 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1833
Description  Multichannel 24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833 Datasheet(HTML) 4 Page - Analog Devices

  AD1833 Datasheet HTML 1Page - Analog Devices AD1833 Datasheet HTML 2Page - Analog Devices AD1833 Datasheet HTML 3Page - Analog Devices AD1833 Datasheet HTML 4Page - Analog Devices AD1833 Datasheet HTML 5Page - Analog Devices AD1833 Datasheet HTML 6Page - Analog Devices AD1833 Datasheet HTML 7Page - Analog Devices AD1833 Datasheet HTML 8Page - Analog Devices AD1833 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD1833
–4–
MCLK INPUT
tDMH
tDML
tPDRP
RESET INPUT
Figure 1. MCLK and
RESET Timing
tDLS
BCLK
L/
RCLK
SDATA
LEFT-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
LSB
SDATA
I2S-JUSTIFIED
MODE
tDBH
tDBL
tDDS
MSB
MSB-1
tDDH
tDDS
MSB
tDDH
tDDS
tDDS
tDDH
tDDH
MSB
8-BIT CLOCKS
(24-BIT DATA)
12-BIT CLOCKS
(20-BIT DATA)
16-BIT CLOCKS
(16-BIT DATA)
Figure 2. Serial Data Port Timing
DIGITAL TIMING (Guaranteed over –40 C to +85 C, AVDD = DVDD = 5.0 V
10%)
Min
Unit
tDML
MCLK LO Pulsewidth (All Modes)
15
ns
tDMH
MCLK HI Pulsewidth (All Modes)
15
ns
tDBH
BCLK HI Pulsewidth
15
ns
tDBL
BCLK LO Pulsewidth
15
ns
tDLS
LRCLK Setup
5
ns
tDLH
LRCLK Hold (DSP Serial Port Mode Only)
10
ns
tDDS
SDATA Setup
5
ns
tDDH
SDATA Hold
15
ns
tPDRP
PD/RST LO Pulsewidth
10
ns
tCCH
CCLK HI Pulsewidth
10
ns
tCCL
CCLK LO Pulsewidth
10
ns
tCSU
CDATA Setup Time
5
ns
tCHD
CDATA Hold Time
10
ns
tCLH
CLATCH HI Pulsewidth
10
ns
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com