Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1819 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1819
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1819 Datasheet HTML 9Page - Analog Devices AD1819 Datasheet HTML 10Page - Analog Devices AD1819 Datasheet HTML 11Page - Analog Devices AD1819 Datasheet HTML 12Page - Analog Devices AD1819 Datasheet HTML 13Page - Analog Devices AD1819 Datasheet HTML 14Page - Analog Devices AD1819 Datasheet HTML 15Page - Analog Devices AD1819 Datasheet HTML 16Page - Analog Devices AD1819 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD1819B
–13–
REV. 0
MMM
MMV5 . . . MMV0
Function
0
00 0000
0 dB Attenuation
0
01 1111
–46.5 dB Attenuation
0
1x xxxx
–46.5 dB Attenuation
1
xx xxxx
∞ dB Attenuation
PC Beep (Index 0Ah)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
A
0e
m
u
l
o
V
p
e
e
B
C
PM
C
P
XXXXXXXXX
X
3
V
C
P2
V
C
P1
V
C
P0
V
C
PX
h
0
0
0
8
PCV [3:0]
PC Beep Volume Control. The least significant bit represents 3 dB attenuation. This register controls the output
from 0 dB to a maximum attenuation of –45 dB. The PC Beep is routed to the Left and Right Line outputs even
when AD1819B is in a RESET State. This is so that Power-On Self Test (POST) codes can be heard by the user
in case of a hardware problem with the PC.
PCM
PC Beep Mute. When this bit is set to “1,” the channel is muted.
PCM
PCV3 . . . PCV0
Function
0
0000
0 dB Attenuation
0
1111
–45 dB Attenuation
1
xxxx
–
∞ dB Attenuation
Phone Volume (Index 0Ch)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
C
0e
m
u
l
o
V
e
n
o
h
PM
H
P
XXXXXXXXXX
4
V
H
P3
V
H
P2
V
H
P1
V
H
P0
V
H
Ph
8
0
0
8
PHV [4:0]
Phone Volume. Allows setting the Phone Volume Attenuator in 32 steps. The LSB represents 1.5 dB, and the
range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
PHM
Phone Mute. When this bit is set to “1,” the channel is muted.
Mic Volume (Index 0Eh)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
E
0e
m
u
l
o
V
c
i
MM
C
M
X
XXXXXXX
0
2
MX
4
V
C
M3
V
C
M2
V
C
M1
V
C
M0
V
C
Mh
8
0
0
8
MCV [4:0]
Mic Volume Gain. Allows setting the Mic Volume attenuator in 32 steps. The LSB represents 1.5 dB, and the
range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
M20
Microphone +20 dB Gain Block
0 = Disabled; Gain = 0 dB.
1 = Enabled; Gain = +20 dB.
MCM
Mic Mute. When this bit is set to “1,” the channel is muted.
Line In Volume (Index 10h)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
0
1e
m
u
l
o
V
N
I
_
E
N
I
LM
LX
X
4
V
L
L3
V
L
L2
V
L
L1
V
L
L0
V
L
L
XXX
4
V
L
R3
V
L
R2
V
L
R1
V
L
R0
V
L
Rh
8
0
8
8
RLV [4:0]
Right Line In Volume. Allows setting the Line In right channel attenuator in 32 steps. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LLV [4:0]
Left Line In Volume. Allows setting the Line In left channel attenuator in 32 steps. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LM
Line In Mute. When this bit is set to “1,” the channel is muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com