Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-45SP Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-45SP
Description  COM Express Type 2 CPU Module With Intel Core 2 Duo/ Celeron M (Socket-P Based) Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-45SP Datasheet(HTML) 2 Page - AAEON Technology

  COM-45SP Datasheet HTML 1Page - AAEON Technology COM-45SP Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-8
Dimension
Unit: mm
COM-45SP
TF-ECB-916M-A10-01
•
COM Express Carrier Board, microATX, Dual Gigabit Ethernet, 7.1CH Audio, 4 COM, USB, PCI-Express, AT/ATX, Rev. A1.0
TF-PER-A051
•
CPU Cooler, For COM-45SP, Socket-type CPU, 12V Fan
TF-PER-A082
•
Passive Heatsink, For COM-45SP, Socket-type CPU
TF-PER-A072
•
Heat Spreader Kit, For COM-45SP, Socket-type CPU
Ordering Information
Optional Accessories
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
URAT
Expansion Slot
Power
Temp
TF-COM-45SP-A10
2 (COM.0 Rev.1.0)
Intel® Core™ 2 Duo Mobile
(Socket P)
DDR3 SODIMM x 2
Max.8GB
CRT, LVDS, SDVO, HDMI,
DP, DVI
24-bit dual
channel
SATA2 x 4
GbE x 1
USB2.0 x 8
—
PCI-E[16] x 1
PCI-E[1] x 5
32-bit PCI x 4
12V
0°C ~ 60°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com