Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-TC Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-TC
Description  COM Express Type 2 CPU Module with Onboard Intel Atom E620/E680 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-TC Datasheet(HTML) 1 Page - AAEON Technology

  COM-TC Datasheet HTML 1Page - AAEON Technology COM-TC Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
05-23
05
Features
Specifications
M2.5 Screw x 4
•
Product CD
•
COM-TC
•
Packing List
COM Express Type 2 CPU Module with Onboard Intel® Atom™ E620/E680 Processor
System
Form Factor
COM Express compact module, Pin-out Type 2, COM. 0 Rev. 2.0
Processor
Onboard Intel® Atom™ E620/E680 Processor,
0.6GHz ~ 1.6GHz
System Memory
Onboard DDR2 667/800 memory chip, Max. 2GB
I/O Chipset
Intel® EG20T IOH
Ethernet
Realtek RTL8211CL, 10/100/1000Base-TX
TPM
—
BIOS
AMI BIOS
SPI type, 2MB ROM
EEPROM
Atmel® AT24C02, save BIOS and configuration data (Optional)
Wake on LAN
Yes
Watchdog Timer
Intel® E620/E680 Processor integrated
H/W Status Monitoring
Supports CPU temperature monitoring
Expansion Interface
4-bit SDIO: Multiplexed with GPIO pins
PCI-Express [x1] x 2
LPC bus x 1
SMBus x 1
Power Requirement
+12V
Power Consumption
(Typical)
Intel® Atom™ E680 1.6GHz, DDR2 1GB,
0.97A@+12V
0.46A@+5V (w/ECB-916M)
Board Size
3.74" (L) x 3.74" (W) (95mm x 95mm)
Gross Weight
0.55 lb (0.25 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C), -40
°F ~ 185°F (-40°C ~ 85°C) for WiTAS 2
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% Relative Humidity, Non-Condensing
MTBF (Hours)
TBC
Display
Supports LVDS/SDVO independent display and Hi-Definition Video 2D/3D
Encoder/ Decoder
Chipset
Intel® E620/E680 Processor integrated
Memory
Shared system memory up to 384MB/ DVMT 4.0
Resolution
Up to 1280 x 1024@ 85Hz for SDVO
Up to 1280 x 768 @60Hz for LCD
LVDS default: 800 x 600 @ 18-bit
LCD Interface
24-bit single channel LVDS
SDVO/ DVO/ Side Port
Supports SDVO x 1
I/O
Storage
SATA SSD onboard (Master device), Max. 4GB (optional)
SATA 3.0Gb/s x 1 (2)
PATA x 1
USB
USB2.0 x 7 (USB Host x 6, USB Client x 1)
Audio
High definition audio
GPIO
Up to 4 in and 4 out
Onboard Intel® Atom™ E620/E680 Processor
■
■
Intel® EG20T IOH
■
■
DDR2 667/800 Memory, Max. 2GB
■
■
Gigabit Ethernet
■
■
Up to 24-bit LVDS LCD, SDVO
■
■
High Definition Audio Interface
■
■
SATA 3.0Gb/s x 2 (1), SATA SSD x 1 (Optional), PATA x 1
■
■
USB2.0 x 7 (USB Host x 6, USB Client x 1)
■
■
PCI-Express [x1] x 2
■
■
Compact Module Size, Pin-out Type 2, 95mm x 95mm,
■
■
COM.0 Rev. 2.0
COM-TC
Onboard 1GB
Memory
Intel® EG20T
Intel® E620/680 Processor
Realtek
RTL8211CL
Gigabit Ethernet


Similar Part No. - COM-TC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-TGHB6 AAEON-COM-TGHB6 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
COM-TGHB6-A10-0001 AAEON-COM-TGHB6-A10-0001 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
COM-TGHB6-A10-0002 AAEON-COM-TGHB6-A10-0002 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
COM-TGHB6-A10-0003 AAEON-COM-TGHB6-A10-0003 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
COM-TGHB6-A10-0004 AAEON-COM-TGHB6-A10-0004 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
More results

Similar Description - COM-TC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-945GSE AAEON-COM-945GSE Datasheet
376Kb / 2P
COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
COM-LNA1.0 AAEON-COM-LNA1.0 Datasheet
378Kb / 1P
COM Express CPU Module With Onboard Intel Atom N450/D410/D510 Processors
COM-QM57 AAEON-COM-QM57 Datasheet
273Kb / 2P
COM Express Type 2 CPU Module with Onboard Intel Core i7/ i5/ Celeron짰 Processor
COM-U15A2.0 AAEON-COM-U15A2.0 Datasheet
371Kb / 1P
COM Express CPU Module With Onboard Intel Atom Z530/Z510 Processors
NANOCOM-LN AAEON-NANOCOM-LN Datasheet
214Kb / 2P
COM Express Type 1 CPU Module with Onboard Intel Atom N455 Processor
NANOCOM-TC AAEON-NANOCOM-TC Datasheet
229Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom E620/E680 Processor
NANOCOM-U15A2.0 AAEON-NANOCOM-U15A2.0 Datasheet
256Kb / 2P
COM Express Type 1 CPU Module With Onboard Intel Atom Z530/Z510 Processor
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
logo
List of Unclassifed Man...
EMETXE-I2601 ETC2-EMETXE-I2601 Datasheet
1Mb / 2P
Intel Atom E680/ E640 COM Express CPU Module
logo
AAEON Technology
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com