Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1848KP Datasheet(PDF) 2 Page - Analog Devices

Part # AD1848KP
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848KP Datasheet(HTML) 2 Page - Analog Devices

  AD1848KP Datasheet HTML 1Page - Analog Devices AD1848KP Datasheet HTML 2Page - Analog Devices AD1848KP Datasheet HTML 3Page - Analog Devices AD1848KP Datasheet HTML 4Page - Analog Devices AD1848KP Datasheet HTML 5Page - Analog Devices AD1848KP Datasheet HTML 6Page - Analog Devices AD1848KP Datasheet HTML 7Page - Analog Devices AD1848KP Datasheet HTML 8Page - Analog Devices AD1848KP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD1848K–SPECIFICATIONS
REV. 0
–2–
STANDARD TEST CONDITIONS UNLESS
OTHERWISE NOTED
Temperature
25
°C
Digital Supply (VDD)
5.0
V
Analog Supply (VCC)
5.0
V
Word Rate (FS)
48
kHz
Input Signal
1008
Hz
Analog Output Passband
20 Hz to 20 kHz
ADC FFT Size
2048
DAC FFT Size
8192
VIH
2.4
V
VIL
0.8
V
VOH
2.4
V
VOL
0.4
V
ANALOG INPUT
Min
Typ
Max
Units
Input Voltage (RMS Values Assume Sine Wave Input)
Line
1
V rms
2.6
2.8
3.0
V p-p
Mic with +20 dB Gain (MGE = 1)
0.1
V rms
0.26
0.28
0.3
V p-p
Mic with 0 dB Gain (MGE = 0)
1
V rms
2.6
2.8
3.0
V p-p
Input Impedance
20
k
Ω
Input Capacitance
15
pF
PROGRAMMABLE GAIN AMPLIFIER—ADC
Min
Typ
Max
Units
Step Size (0 dB to 22.5 dB)
1.3
1.5
1.7
dB
(All Steps Tested, –30 dB Input)
PGA Gain Range Span*
21.5
22.5
23.5
dB
AUXILIARY INPUT ANALOG AMPLIFIERS/ATTENUATORS
Min
Typ
Max
Units
Step Size (+12.0 dB to –33.0 dB)
1.3
1.5
1.7
dB
(All Steps Tested, –14.5 dB Input)
Auxiliary Gain/Attenuation Range Span*
45.5
46.5
47.5
dB
DAC Input Conditions
Post-Autocalibrated
0 dB Attenuation
–2.0 dB Relative to Full Scale
16-Bit Linear Mode
No Output Load
Mute Off
ADC Input Conditions
Post-Autocalibrated
0 dB Gain
–3.0 dB Relative to Full Scale
Line Input
16-Bit Linear Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com