Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1852 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 2 Page - Analog Devices

  AD1852 Datasheet HTML 1Page - Analog Devices AD1852 Datasheet HTML 2Page - Analog Devices AD1852 Datasheet HTML 3Page - Analog Devices AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD1852–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Input Clock
24.576 MHz (512
× F
S Mode)
Input Signal
996.11 Hz
–0.5 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Ω
Input Voltage HI
2.4 V
Input Voltage LO
0.8 V
ANALOG PERFORMANCE (See Figures)
Min
Typ
Max
Unit
Resolution
24
Bits
Signal-to-Noise Ratio (20 Hz to 20 kHz)
No Filter (Stereo)
112
dB
No Filter (Mono—See Figure 29)
115
dB
With A-Weighted Filter (Stereo)
114
dB
With A-Weighted Filter (Mono—See Figure 29)
117
dB
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter (Stereo)
107
112
dB
No Filter (Mono—See Figure 29)
115
dB
With A-Weighted Filter (Stereo)
110
114
dB
With A-Weighted Filter (Mono—See Figure 29)
117
dB
Total Harmonic Distortion + Noise (Stereo)
–94
–102
dB
0.00079
%
Total Harmonic Distortion + Noise (Mono—See Figure 29)
–105
dB
0.00056
%
Total Harmonic Distortion + Noise (Stereo) VO = –20 dB
–92
dB
Total Harmonic Distortion + Noise (Stereo) VO = –60 dB
–52
dB
Analog Outputs
Differential Output Range (
± Full Scale)
5.6
V p-p
Output Capacitance at Each Output Pin
2
pF
Out-of-Band Energy (0.5
× F
S to 100 kHz)
–90
dB
CMOUT
2.37
V
DC Accuracy
Gain Error
–10
±2.0
+10
%
Interchannel Gain Mismatch
–0.15
±0.015
+0.15
dB
Gain Drift
150
250
ppm/
°C
DC Offset
–50
mV
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
Performance of right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
DIGITAL I/O (0 C TO 70 C)
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.2
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH) IOH = 1 mA
2.0
V
Low Level Output Voltage (VOL) IOL = 1 mA
0.4
V
Input Capacitance
20
pF
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com