Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1868 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1868
Description  Single Supply Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868 Datasheet(HTML) 2 Page - Analog Devices

  AD1868 Datasheet HTML 1Page - Analog Devices AD1868 Datasheet HTML 2Page - Analog Devices AD1868 Datasheet HTML 3Page - Analog Devices AD1868 Datasheet HTML 4Page - Analog Devices AD1868 Datasheet HTML 5Page - Analog Devices AD1868 Datasheet HTML 6Page - Analog Devices AD1868 Datasheet HTML 7Page - Analog Devices AD1868 Datasheet HTML 8Page - Analog Devices AD1868 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD1868–SPECIFICATIONS(typical at T
A = +25 C and +5 V supplies unless otherwise noted)
Min
Typ
Max
Units
RESOLUTION
18
Bit
DIGITAL INPUTS
VIH
2.4
V
VIL
0.8
V
IIH, VIH = VL
1.0
µA
IIL, VIL = DGND
1.0
µA
Maximum Clock Input Frequency
13.5
MHz
ACCURACY
Gain Error
±1
% of FSR
Gain Matching
±1
% of FSR
Midscale Error
±15
mV
Midscale Error Matching
±10
mV
Gain Linearity Error
±3dB
DRIFT (0
°C to +70°C)
Gain Drift
±100
ppm/
°C
Midscale Drift
±100
µV/°C
TOTAL HARMONIC DISTORTION + NOISE
0 dB, 990.5 Hz
AD1868N
0.004
0.008
%
AD1868N-J
0.004
0.006
%
–20 dB, 990.5 Hz
AD1868N
0.020
0.08
%
AD1868N-J
0.020
0.08
%
–60 dB, 990.5 Hz
AD1868N
2.0
5.0
%
AD1868N-J
2.0
5.0
%
CHANNEL SEPARATION 1 kHz, 0 dB
108
NIL*
dB
SIGNAL-TO-NOISE RATIO (with A-Weight Filter)
95
97.5
dB
D-RANGE (with A-Weight Filter)
86
92
dB
OUTPUT
Voltage Output Pins (VOL, VOR)
Output Range (
±3%)
±1V
Output Impedance
0.1
Ω
Load Current
±1mA
Bias Voltage Pins (VBL, VBR)
Output Voltage
+2.5
V
Output Impedance
350
Ω
POWER SUPPLY
Specification, VL and VS
4.75
5
5.25
V
Operation, VL and VS
3.5
5.25
V
+I, VL and VS = 5 V
10
14
mA
POWER DISSIPATION
50
70
mW
TEMPERATURE RANGE
Specification
0
25
70
°C
Operation
–35
85
°C
Storage
–60
100
°C
*Above 115 dB.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1868 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 to VL
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com