Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24L042CS Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LE24L042CS
Description  Two Wire Serial Interface EEPROM (4k EEPROM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L042CS Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LE24L042CS Datasheet HTML 2Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 9Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LE24L042CS
4 Acknowledge
During data transfer, 8 bits are transferred in succession, and then in the ninth clock cycle period the device on the
system bus receiving the data sets the SDA line to low, and sends the acknowledge signal indicating that the data has
been received. The acknowledge signal is not sent during an EEPROM internal write operation.
Acknowledge
bit output
Start
condition
SCL
(EEPROM input)
SDA
(Master output)
SDA
(EEPROM output)
1
8
9
tAA
tDH
5 Device addressing
For the purposes of communication, the master device in the system generates the start condition for the slave device.
Communication with a particular slave device is enabled by sending along the SDA bus the device address, which is 7
bits long, and the read/write command code, which is 1 bit long, immediately following the start condition.
The upper four bits of the device address are called the device code which, for this product, is fixed as “1010.” This
device has the upper 2-bit of the Slave Device address as the Slave address (S1, S2), which fixed internally. The value
of Slave address are S1=0, S2=0.
When the device code input from SDA and the slave addresses are compared with the product’s device code and slave
addresses that were set at the mounting stage and found to match, the product sends the acknowledge signal during
the ninth clock cycle period, and initiates the read or write operation in accordance with the read or write command
code. If they do not match, the EEPROM returns to standby mode. When a read operation is performed immediately
after the slave device has been switched, the random read command must be used.
No.A1440-6/10
1
0
1
0
S2
S1
A8
R/W
Device Code
Slave
Address
MSB
LSB
LE24L042CS
Device address word
Memory
Address



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com