Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5122 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5122
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5122 Datasheet HTML 5Page - Analog Devices AD5122 Datasheet HTML 6Page - Analog Devices AD5122 Datasheet HTML 7Page - Analog Devices AD5122 Datasheet HTML 8Page - Analog Devices AD5122 Datasheet HTML 9Page - Analog Devices AD5122 Datasheet HTML 10Page - Analog Devices AD5122 Datasheet HTML 11Page - Analog Devices AD5122 Datasheet HTML 12Page - Analog Devices AD5122 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5122/AD5142
Rev. 0 | Page 9 of 32
INTERFACE TIMING SPECIFICATIONS
VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4. SPI Interface
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t
1
V
LOGIC > 1.8 V
20
ns
SCLK cycle time
V
LOGIC = 1.8 V
30
ns
t
2
V
LOGIC > 1.8 V
10
ns
SCLK high time
V
LOGIC = 1.8 V
15
ns
t
3
V
LOGIC > 1.8 V
10
ns
SCLK low time
V
LOGIC = 1.8 V
15
ns
t
4
10
ns
SYNC-to-SCLK falling edge setup time
t
5
5
ns
Data setup time
t
6
5
ns
Data hold time
t
7
10
ns
SYNC rising edge to next SCLK fall ignored
t
8
2
20
ns
Minimum SYNC high time
t
9
3
50
ns
SCLK rising edge to SDO valid
t
10
500
ns
SYNC rising edge to SDO pin disable
1 All input signals are specified with t
r = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Refer to t
EEPROM_PROGRAM and tEEPROM_READBACK for memory commands operations (see Table 5).
3 R
PULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF.
Table 5. Control Pins
Parameter
Min
Typ
Max
Unit
Description
t
1
0.1
10
µs
RESET low time
tEEPROM_PROGRAM1
15
50
ms
Memory program time (not shown in Figure 5)
tEEPROM_READBACK
7
30
µs
Memory readback time (not shown in Figure 5)
t
POWER_UP
2
75
µs
Start-up time (not shown in Figure 5)
t
RESET
30
µs
Reset EEPROM restore time (not shown in Figure 5)
1 EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at lower temperatures and higher write cycles.
2 Maximum time after V
DD − VSS is equal to 2.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com