Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4077-2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4077-2 Datasheet HTML 1Page - Analog Devices ADA4077-2 Datasheet HTML 2Page - Analog Devices ADA4077-2 Datasheet HTML 3Page - Analog Devices ADA4077-2 Datasheet HTML 4Page - Analog Devices ADA4077-2 Datasheet HTML 5Page - Analog Devices ADA4077-2 Datasheet HTML 6Page - Analog Devices ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADA4077-2
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, ±5.0 V
VSY = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (B Grade, SOIC)
VOS
10
25
μV
−40°C < TA < +125°C
65
μV
Offset Voltage Drift (B Grade, SOIC)
ΔVOS/ΔT
−40°C < TA < +125°C
0.1
0.25
μV/°C
Offset Voltage (A Grade)
VOS
SOIC
15
50
μV
−40°C < TA < +125°C
105
μV
MSOP
50
90
μV
−40°C < TA < +125°C
220
μV
Offset Voltage Drift (A Grade)
ΔVOS/ΔT
−40°C < TA < +125°C
SOIC
0.25
0.55
μV/°C
MSOP
0.5
1.2
μV/°C
Input Bias Current
IB
−1
−0.4
+1
nA
−40°C < TA < +125°C
−1.5
+1.5
nA
Input Offset Current
IOS
−0.5
+0.1
+0.5
nA
−40°C < TA < +125°C
−1.0
+1.0
nA
Input Voltage Range
−3.8
+3
V
Common-Mode Rejection Ratio
CMRR
VCM = −3.8 V to +3V
122
140
dB
−40°C < TA < +125°C
120
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = −3.0 V to +3.0 V
121
130
dB
−40°C < TA < +125°C
120
dB
Input Capacitance
CINDM
Differential mode
3
pF
CINCM
Common mode
5
pF
Input Resistance
RIN
100
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
+4.1
V
−40°C < TA < +125°C
+4
V
Output Voltage Low
VOL
IL = 1 mA
−3.5
V
−40°C < TA < +125°C
−3.2
V
Output Current
IOUT
VDROPOUT < 1.6 V
±10
mA
Short-Circuit Current
ISC
TA = 25°C
22
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = +1
0.05
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±18 V
123
128
dB
−40°C < TA < +125°C
120
dB
Supply Current per Amplifier
ISY
VO = 0 V
400
450
μA
−40°C < TA < +125°C
650
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 KΩ
1
V/μs
Settling Time to 0.1%
ts
VIN =1 V step, RL = 4 kΩ, AV = −1
2
µs
Gain Bandwidth Product
GBP
AV = +1
4.0
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.25
μV p-p
Voltage Noise Density
en
f = 1 Hz
13
nV/√Hz
f = 100 Hz
7
nV/√Hz
Current Noise Density
in
f = 1 kHz
3
pA/√Hz
MULTIPLE AMPLIFIERS CHANNEL SEPARATION
CS
f = 1 kHz
−120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com