Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1892JR Datasheet(PDF) 21 Page - Analog Devices

Part # AD1892JR
Description  Integrated Digital Receiver/Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1892JR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1892JR Datasheet HTML 16Page - Analog Devices AD1892JR Datasheet HTML 17Page - Analog Devices AD1892JR Datasheet HTML 18Page - Analog Devices AD1892JR Datasheet HTML 19Page - Analog Devices AD1892JR Datasheet HTML 20Page - Analog Devices AD1892JR Datasheet HTML 21Page - Analog Devices AD1892JR Datasheet HTML 22Page - Analog Devices AD1892JR Datasheet HTML 23Page - Analog Devices AD1892JR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD1892
REV. 0
–21–
Dither
The AD1892 can be programmed to add triangular Probability
Distribution Function (PDF) dither to the digital audio samples. It
is advisable to add dither when the input word width exceeds
the output word width, e.g., the input word is 20 bits and the
output word is 16 bits. Triangular PDF is generally considered
to create the most favorable noise shaping of the residual
quantization noise. The AD1892’s dither function is always
available, even when the part is configured in bypass mode.
Asynchronous Sample Rate Converter
The AD1892 uses a different Asynchronous Sample Rate
Conversion (ASRC) algorithm than the AD1890/AD1891/
AD1893. The upsampling range is much wider (1:5, from
10 kHz to 48 kHz continuous), but the downsampling range is
more constrained (48 kHz down to 44.1 kHz, without significant
artifacts). Unlike the AD1890/AD1891/AD1893, the AD1892’s
rate converter does not include automatic input frequency band-
limiting, which places constraints on artifact-free downsampling.
Program material sampled at 48 kHz can theoretically have
frequency content up to 24 kHz; when this is downsampled to
44.1 kHz, there can be aliased spectral energy from 20.1 kHz to
24.1 kHz, which is not fully attenuated by the AD1892’s digital
filter. For example, a full-scale 24 kHz signal would be attenuated
by –6 dB when resampled to 44.1 kHz.
The AD1892 ASRC performs 128 times interpolation, low-pass
filtering, and resampling (decimation) at the MCLK/512 (i.e.,
FSOUT) rate. The digital filter passband ripple is
±0.015 dB, and
the transition band extends from 20 kHz to 24.1 kHz. The
stopband attenuation is 120 dB.
DAT Start ID
The AD1892 status register provides a bit that is intended to be
used in Digital Audio Tape (DAT) systems to facilitate the
location of the beginning of tracks. In DAT systems, when the
category code is set to DAT (i.e., 1100000) and the first right
subframe user bit in a DAT frame (identified as “R0’’ in the
IEC-958 documents) is set to 1, this is an indication of the start
of a new track. The AD1892 will set Bit D7 in Status Register 1
HI when the category code is 1100000 and any received right
channel subframe user bit is 1. This bit is sticky and will stay set
until Status Register 1 is read.
Coding Violation Status Bit
The AD1892 includes a bit (D0 in Status Register 0) that is set
HI when the AD1892 encounters biphase-mark encoding error,
other than X, Y or Z preambles, in the input serial stream. This
bit is sticky and will stay set until Status Register 0 is read. This
bit can be used to monitor the integrity of the biphase-mark
interconnect feeding the AD1892.
Q-Channel Block Start Status Bit and QDFS Signal
The AD1892 provides two indications that a Q-Channel sub-
code block start has been encountered in consumer mode.
There is a bit (D5 in Status Register 1) that is set HI after the
subcode synchronization word (S0 + S1) has been received.
This bit is sticky and will stay set until Status Register 1 is read.
There is also an output signal QDFS (Pin 6) that is asserted
when the subcode sync word has been received. QDFS goes HI
for one subframe period.
Word Width
The AD1892 can use up to 20 bits of incoming audio data, i.e.,
all of the bits from Bit 8 through Bit 27 in each subframe. The
serial digital audio standards allow the use of the so-called “Aux
Data” bits to extend the audio data word length to 24 bits;
however, the AD1892 does not support this word length extension.
Mono Output Control Register Option
A monaural (mono) output can be provided by the AD1892
using the mono mode Bit D6 in Control Register 1. When this
bit is set to 1, the AD1892 puts (Right Channel + Left Channel)/2
on both the left and right channel serial data output. Adding
both channels together and dividing by 2 has the effect of
lowering the perceived amplitude of resulting output for largely
uncorrelated right and left channel input material, but also
avoids the possibility of clipping with highly correlated right and
left channel input material.
Microcontroller Applications
In many systems, the AD1892 will be used with an external
microcontroller to enable the more sophisticated functions of
which the device is capable. The microcontroller servicing the
AD1892 should follow the following suggestions:
1. The microcontroller should read (and thereby clear) the
status registers after initial start-up. The microcontroller
should wait until the NOSIG pin is deasserted LO before
clearing Status Register 0 and 1. This procedure will avoid
the problems of invalid channel status and Q-Channel
subcode CRC errors, invalid parity and validity errors, in-
valid coding violations errors, etc. All other status bits are
invalid when No Phase Lock (Bit D7, Status Register 0) is 1
(no phase lock), so all errors should be ignored by the micro-
controller until this bit is deasserted LO.
2. The Q-Channel subcode CRC error indication (Bit D6,
Status Register 1) is not valid until subcode sync is achieved.
Subcode sync is indicated when Q Channel Block Start (Bit
D5, Status Register 1) is 1 or when the QDFS signal (Pin 6)
is asserted HI.
3. The AD1892 updates its on-chip channel status buffer and Q
Channel subcode buffer regardless of whether or not CRC
errors are detected. The system engineer must decide if the
microcontroller should update its information (i.e., read the
AD1892 status buffers) when channel status CRC errors
occur in professional mode or when Q Channel subcode
CRC errors occur in consumer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com