Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1893 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1893
Description  Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1893 Datasheet(HTML) 2 Page - Analog Devices

  AD1893 Datasheet HTML 1Page - Analog Devices AD1893 Datasheet HTML 2Page - Analog Devices AD1893 Datasheet HTML 3Page - Analog Devices AD1893 Datasheet HTML 4Page - Analog Devices AD1893 Datasheet HTML 5Page - Analog Devices AD1893 Datasheet HTML 6Page - Analog Devices AD1893 Datasheet HTML 7Page - Analog Devices AD1893 Datasheet HTML 8Page - Analog Devices AD1893 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD1893–SPECIFICATIONS
REV. A
–2–
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltage
+3.0
V
Ambient Temperature
25
°C
Crystal Frequency
16
MHz
Load Capacitance
100
pF
All minimums and maximums tested except as noted.
PERFORMANCE
1 (Guaranteed for V
DD = +3.3 V to +5.0 V ± 10%)
Min
Max
Units
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
96
dB
Total Harmonic Distortion + Noise
(20 Hz to 20 kHz, Full-Scale Input, FSOUT/FSIN Between 0.51 and 1.99)
–94
dB
(1 kHz Full-Scale Input, FSOUT/FSIN Between 0.7 and 1.4)
–96
dB
(10 kHz Full-Scale Input, FSOUT/FSIN Between 0.7 and 1.4)
–95
dB
Interchannel Phase Deviation
0
Degrees
Input and Output Sample Clock Jitter
(For
≤1 dB Degradation in THD+N with 10 kHz Full-Scale Input, Slow-Settling Mode)
10
ns
DIGITAL INPUTS
(Guaranteed for VDD = +3.0 V to +5.0 V ± 10%)
Min
Max
Units
VIH
2.0
V
VIL (VDD ≥ +3.0 V)
0.8
V
VIL (+2.7 V ≤ VDD < +3.0 V)
0.7
V
IIH @ VIH = +5.0 V, All Pins Except XTAL_I
4
µA
IIH @ VIH = +5.0 V, XTAL_I Pin
6
µA
IIL @ VIL = 0 V, All Pins Except XTAL_I
4
µA
IIL @ VIL = 0 V, XTAL_I Pin
6
µA
VOH @ IOH = –4 mA (VDD ≥ +3.0 V)
2.4
V
VOH @ IOH = –4 mA (+2.7 V ≤ VDD < +3.0 V)
2.2
V
VOL @ IOL = 4 mA
0.4
V
Input Capacitance
1
15
pF
DIGITAL TIMING
(Guaranteed for VDD = +3.0 V to +5.0 V ± 10%) See Figures 26 through 28.
Min
Max
Units
tCRYSTAL
Crystal Period
62.5
125
ns
FCRYSTAL
Crystal Frequency (1/tCRYSTAL)
16
MHz
tPWL
Crystal LO Pulsewidth
20
ns
tPWH
Crystal HI Pulsewidth
20
ns
FLRI
LR_I Frequency with 16 MHz Crystal
1
10
56
kHz
tRPWL
RESET LO Pulsewidth
125
ns
tRS
RESET Setup to Crystal Falling
15
ns
tBCLK
BCLK_I/O Period
1
120
ns
FBCLK
BCLK_I/O Frequency (l/tBCLK)
1
8.33
MHz
tBPWL
BCLK_I/O LO Pulsewidth
55
ns
tBPWH
BCLK_I/O HI Pulsewidth
55
ns
tWSI
WCLK_I Setup to BCLK_I
15
ns
tWSO
WCLK_O Setup to BCLK_O
40
ns
tLRSI
LR_I Setup to BCLK_I
15
ns
tLRSO
LR_O Setup to BCLK_O
55
ns
tDS
Data Setup to BCLK_I
0
ns
tDH
Data Hold from BCLK_I
35
ns
tDPD
Data Propagation Delay from BCLK_O
90
ns
tDOH
Data Output Hold from BCLK_O
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com