Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1895 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 2 Page - Analog Devices

  AD1895 Datasheet HTML 1Page - Analog Devices AD1895 Datasheet HTML 2Page - Analog Devices AD1895 Datasheet HTML 3Page - Analog Devices AD1895 Datasheet HTML 4Page - Analog Devices AD1895 Datasheet HTML 5Page - Analog Devices AD1895 Datasheet HTML 6Page - Analog Devices AD1895 Datasheet HTML 7Page - Analog Devices AD1895 Datasheet HTML 8Page - Analog Devices AD1895 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. B
–2–
AD1895–SPECIFICATIONS
TEST CONDITIONS, UNLESS OTHERWISE NOTED.
Supply Voltages
VDD_CORE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3 V
VDD_IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.0 V or 3.3 V
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
°C
Input Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30.0 MHz
Input Signal . . . . . . . . . . . . . . . . . . . . . . . . . .
1.000 kHz, 0 dBFS
Measurement Bandwidth . . . . . . . . . . . . . . . . . . 20 to fS_OUT/2 Hz
Word Width
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Bits
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 pF
Input Voltage High . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4 V
Input Voltage Low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 V
DIGITAL PERFORMANCE (VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
Min
Typ
Max
Unit
RESOLUTION
24
Bits
SAMPLE RATE @ MCLK_IN = 30 MHz
6
215
kHz
SAMPLE RATE (@ OTHER MASTER CLOCKS)
1
MCLK_IN/5000
≤ f
S_MAX < MCLK_IN/138
kHz
SAMPLE RATE RATIOS
Upsampling
1:8
Downsampling
7.75:1
DYNAMIC RANGE
2
(20 Hz to fS_OUT/2, 1 kHz, –60 dBFS Input) A-Weighted
44.1 kHz: 48 kHz
128
dB
48 kHz: 44.1 kHz
128
dB
48 kHz: 96 kHz
128
dB
44.1 kHz: 192 kHz
128
dB
96 kHz: 48 kHz
127
dB
192 kHz: 32 kHz
127
dB
(20 Hz to fS_OUT/2, 1 kHz, –60 dBFS Input) No Filter
44.1 kHz: 48 kHz
125
dB
48 kHz: 44.1 kHz
125
dB
48 kHz: 96 kHz
125
dB
44.1 kHz: 192 kHz
125
dB
96 kHz: 48 kHz
124
dB
192 kHz: 32 kHz
124
dB
TOTAL HARMONIC DISTORTION + NOISE
2
(20 Hz to fS_OUT/2, 1 kHz, 0 dBFS Input) No Filter
Worst-Case (48 kHz: 96 kHz)
3
–115
dB
44.1 kHz: 48 kHz
–120
dB
48 kHz: 44.1 kHz
–119
dB
48 kHz: 96 kHz
–118
dB
44.1 kHz: 192 kHz
–120
dB
96 kHz: 48 kHz
–122
dB
192 kHz: 32 kHz
–122
dB
INTERCHANNEL GAIN MISMATCH
0.0
dB
INTERCHANNEL PHASE DEVIATION
0.0
Degrees
MUTE ATTENUATION (24 BITS WORD WIDTH)(A-WEIGHT)
–127
dB
NOTES
1Lower sampling rates than those given by this formula are possible, but the jitter rejection will decrease.
2Refer to the Typical Performance Characteristics section for DNR and THD + N numbers over a wide range of input and output sample rates.
3For any other ratio, minimum THD + N will be better than –115 dB. Please refer to detailed performance plots.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com