Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PICO-HD01 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-HD01
Description  PICO-ITX Fanless Board With HDMI and AMD G-SeriesT40E/T40R Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-HD01 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-HD01 Datasheet HTML 1Page - AAEON Technology PICO-HD01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-4
05
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
PICO-HD01
Ordering Information
Optional Accessories
1700050207
•
USB Cable, Length 20cm
1701090150
•
COM1 Cable, Length 15cm
1709100254
•
AUDIO Cable, Length 25cm
1701100156
•
Front Panel Cable, Length 15cm
1701090150
•
COM 2 Cable For RS-232, Length 15cm
1701090151
•
COM 2 Cable For RS-422/485, Length 15cm
170302010C
•
Buzzer Cable
Part Number
CPU
Fan/
Fanless
Display
Combination
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
PICO-HD01-A10
T40E
Fanless
CRT + LVDS,
CRT+ HDMI
SATA x 1
18b,1CH
GbE x 1
5
1
1
Mini Card x 1 or mSATA
(Half size)
DC12V
0°C ~ 60°C
PICO-HD01-A10-01
T40R
Fanless
CRT + LVDS,
CRT+ HDMI
SATA x 1
18b,1CH
GbE x 1
5
1
1
Mini Card x 1 or mSATA
(Half size)
DC12V
0°C ~ 60°C
Component side
Solder side



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com