Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6181B Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6181B Datasheet HTML 1Page - Micro Analog systems MAS6181B Datasheet HTML 2Page - Micro Analog systems MAS6181B Datasheet HTML 3Page - Micro Analog systems MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 (15)
DA6181B.002
5 May, 2011
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD-VSS
-0.3
3.6
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-40
+85
oC
Storage Temperature
TST
-55
+150
oC
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 1.5V, Temperature = 27°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
VDD
1.10
1.5
3.6
V
Current Consumption
IDD
VDD=1.5 V, Vin=0 µVrms
VDD=1.5 V, Vin=20 mVrms
VDD=3.6 V, Vin=0 µVrms
VDD=3.6 V, Vin=20 mVrms
31
24
66
40
68
42
85
65
µ
A
Stand-By Current
IDDoff
0.1
µ
A
Input Frequency Range
fIN
40
100
kHz
Minimum Input Voltage
VIN min
0.4
1
µ
Vrms
Maximum Input Voltage
VIN max
20
mVrms
Receiver Input Resistance
Receiver Input Capacitance
RRFI
CRFI
f=40kHz...77.5 kHz
600
1.1
kΩ
pF
RFI2 Switch On Resistance
RFI2 Switch Off Capacitance
RON2
COFF2
VDD=1.4 V
5
20
15
pF
Input Levels |lIN|<0.5 µA
VIL
VIH
VDD-0.35
0.35
V
Output Current
VOL<0.2 VDD;VOH >0.8 VDD
|IOUT|
5
µ
A
DCF77 Output Pulses
T 100ms
T 200ms
1 µVrms ≤ VIN
20 mVrms, see note below!
95
195
ms
MSF Output Pulses
T 100ms
T 200ms
T 300ms
T 500ms
1 µVrms ≤ VIN
20 mVrms, see note below!
120
220
320
520
ms
WWVB Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN
20 mVrms, see note below!
200
500
800
ms
JJY60 Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN
20 mVrms, see note below!
210
505
800
ms
JJY40 Output Pulses
T 200ms
T 500ms
T 800ms
1 µVrms ≤ VIN
20 mVrms, see note below!
200
495
790
ms
Startup Time
TStart
Fast Start-up, Vin=0.4 µVrms
Fast Start-up, Vin=20 mVrms
1.3
3.5
s
Output Delay Time
TDelay
50
100
ms
Note: Stand-by current consumption may increase if V IH and V IL differ from VDD and GND respectively.
Note: See Note 6: Time Signal Software’s Pulse Width Recognition Limits and Table 5 on page 9!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com