Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6283 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6283
Description  IC FOR 1.5625 MHz ??40.0000 MHz VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6283 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6283 Datasheet HTML 1Page - Micro Analog systems MAS6283 Datasheet HTML 2Page - Micro Analog systems MAS6283 Datasheet HTML 3Page - Micro Analog systems MAS6283 Datasheet HTML 4Page - Micro Analog systems MAS6283 Datasheet HTML 5Page - Micro Analog systems MAS6283 Datasheet HTML 6Page - Micro Analog systems MAS6283 Datasheet HTML 7Page - Micro Analog systems MAS6283 Datasheet HTML 8Page - Micro Analog systems MAS6283 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DA6283.002
11 November, 2010
1/13
MAS6283
IC FOR 1.5625 MHz – 40.0000 MHz VCXO
Low Power
Wide Supply Range
CMOS (Square Wave) Output
Very Low Phase Noise
Low Cost
Divider Function
Tri State output
DESCRIPTION
MAS6283 is an integrated circuit well suited to
build a VCXO for telecommunication and other
applications. To build a VCXO only one additional
component, a crystal, is needed.
FEATURES
APPLICATIONS
Very small size
Low current consumption
Wide operating temperature range
Phase noise < -130 dBc/Hz at 1 kHz offset
CMOS (Square wave) output
VCXO modules
VCXO for telecommunications systems
VCXO for set-top boxes
VCXO for MPEG decoder
BLOCK DIAGRAM
MAS6283
XIN
XOUT
OUT
PD
VDD
VSS
VC
1 nF
1/2
1/2
1/2
1/2
Figure 1. Block diagram of MAS6283.


Similar Part No. - MAS6283

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS6282A1TG00 MAS-MAS6282A1TG00 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS6285 MAS-MAS6285 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
MAS6285AA1Q1806 MAS-MAS6285AA1Q1806 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
MAS6285AA1T0206 MAS-MAS6285AA1T0206 Datasheet
166Kb / 12P
IC FOR XO TRIMMING
More results

Similar Description - MAS6283

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
logo
List of Unclassifed Man...
T73227 ETC1-T73227 Datasheet
77Kb / 5P
27 MHz VCXO Clock Generator IC
logo
Micro Analog systems
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
7.0x5.0 VCXO 24.576 MHz
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
7.0x5.0 VCXO 35.328 MHz
logo
RF Monolithics, Inc
XVC5002 RFM-XVC5002 Datasheet
438Kb / 3P
122.88 MHz VCXO
logo
Micro Analog systems
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0444A TAI-SAW-TX0444A Datasheet
365Kb / 7P
7.0x5.0 VCXO 122.88 MHz
REV. NO.:1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com