Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD28MSP01 Datasheet(PDF) 9 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 5Page - Analog Devices AD28MSP01 Datasheet HTML 6Page - Analog Devices AD28MSP01 Datasheet HTML 7Page - Analog Devices AD28MSP01 Datasheet HTML 8Page - Analog Devices AD28MSP01 Datasheet HTML 9Page - Analog Devices AD28MSP01 Datasheet HTML 10Page - Analog Devices AD28MSP01 Datasheet HTML 11Page - Analog Devices AD28MSP01 Datasheet HTML 12Page - Analog Devices AD28MSP01 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD28msp01
REV. A
–9–
Control Register 4
address = 0x04
This register is the Receive Phase Adjust Register and it is used to:
• Change the phase of the receive clocks (RBAUD, RBIT, RCONV)
0
0
0000
000
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0 – Phase advance
1 – Phase retard
P7-0
Phase Shift Magnitude
The amount of time slipped
or advanced is defined as
this number represented by
P7-P0 times the master
clock period.
Once you have written a value to the register, subsequent writes are ignored until the register is finished incrementing/decrementing
to zero.
The phase advance or slip is equal to the master clock period (13.824 MHz) multiplied by the signed-magnitude 9-bit value in
Control Register 4. The AD28msp01 decrements Control Register 4 as it adjusts the phase of RCONV. Control Register 4 will equal
zero when the phase shift is complete.
Control Register 5
address = 0x05
This register is the Transmit Phase Adjust Register and it is used to:
• Change the phase of the Transmit clocks (TBAUD, TBIT, TCONV)
0
0
0000
000
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0 – Phase advance
1 – Phase retard
P7-0
Phase Shift Magnitude
The amount of time slipped
or advanced is defined as
this number represented by
P7-P0 times the master
clock period.
This register must be equal to zero before its value can be
changed. Once you have written a value to the register, subse-
quent writes are ignored until the register is finished incrementing/
decrementing to zero.
The phase advance or slip is equal to the master clock period
(13.824 MHz) multiplied by the signed-magnitude 9-bit value in
Control Register 5. The AD28msp01 decrements Control Regis-
ter 5 as it adjusts the phase of TCONV. Control Register 5 will
equal zero when the phase shift is complete.
Soft Resets
Certain conditions cause the AD28msp01 to perform a soft reset;
the DSP is reset but the control register values do not change.
Table I shows when a soft reset is caused by changing the values
of certain control register bits while the device is operating.
When these bits are modified, the AD28msp01 will perform a
soft reset and start up again in the new configuration. Reserved
bits in the control registers should always be set to zero.
Table I. Soft Reset
Bits
Configures
Control Register 0, SR1–SR0
Sampling rate
Control Register 0, OP2–OP0
Clock generation operating modes
(async-to-V.32 or V.32-to-async)
Control Register 0, TS3–TS0
TSYNC rate
Control Register 1, FB2–FB0
Filter bypass configuration
Control Register 1, SA87
Sampling rate scaling by 8/7
Data Registers
The AD28msp01 contains four data registers.
Data Register 0
address = 0x06
DAC Input Register (write-only): The 16-bit twos complement
values written to this register are input to the AD28msp01’s
digital-to-analog converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com