Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD261AND-4 Datasheet(PDF) 5 Page - Analog Devices

Part # AD261AND-4
Description  High Speed, Logic Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD261AND-4 Datasheet(HTML) 5 Page - Analog Devices

  AD261AND-4 Datasheet HTML 1Page - Analog Devices AD261AND-4 Datasheet HTML 2Page - Analog Devices AD261AND-4 Datasheet HTML 3Page - Analog Devices AD261AND-4 Datasheet HTML 4Page - Analog Devices AD261AND-4 Datasheet HTML 5Page - Analog Devices AD261AND-4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AD261
–5–
REV. 0
AD261-4
S0
F3
SYSTEM
FIELD
+5V dc
5V dc RTN
+5V dc
5V dc RTN
S1
S2
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
5
THREE-
STATE
LATCH
E
D
LINE 0
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
LATCH
E
D
THREE-
STATE
LINE 4
LINE 3
LATCH
E
D
THREE-
STATE
4
LATCH
E
D
THREE-
STATE
LINE 2
3
LATCH
E
D
THREE-
STATE
LINE 1
2
AD261-5
S0
F3
SYSTEM
FIELD
+5V dc
5V dc RTN
+5V dc
5V dc RTN
S1
S2
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
5
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
LATCH
E
D
THREE-
STATE
LINE 4
LINE 3
LATCH
E
D
THREE-
STATE
4
LATCH
E
D
THREE-
STATE
LINE 2
3
LATCH
E
D
THREE-
STATE
LATCH
E
D
THREE-
STATE
2
LINE 0
LINE 1
AD261 CONFIGURATIONS
(Continued from page 1)
Field and System Enable Functions: Both the isolated and
nonisolated sides of the AD261 have ENABLE pins that three-
state all outputs. Upon reenabling these pins, all outputs are
updated to reflect the current input logic level.
CE Certifiable: Simply by adding the external bypass capacitors
at the supply pins, the AD261 can attain CE certification in
most applications (to the EMC directive) and conformance to
the low voltage (safety) directive is assured by the EN60950
certification.
GENERAL ATTRIBUTES
The AD261 provides five HCMOS compatible isolated logic
lines with
≥ 10 kV/µs common-mode transient immunity.
The case design and pin arrangement provides greater than
18 mm spacing between field and system side conductors, pro-
viding CSA/IS and IEC creepage spacing consistent with 750 V
mains isolation.
The five unidirectional logic lines have six possible combina-
tions of “ins” and “outs,” or transmitter/receiver pairs; hence
there are six AD261 part configurations (see Table I).
Each 20 MHz logic line has a Schmidt trigger input and a three-
state output (on the other side of the isolation barrier) and 14 ns of
propagation delay. A single enable pin on either side of the
barrier causes all outputs on that side to go three-state and all
inputs (driven pins) to ignore their inputs and retain their last
known state.
Note: All unused logic inputs (1–5) should be tied either high or low,
but not left floating.
Edge “fidelity,” or the difference in propagation time for rising
and falling edges, is typically less than
±1 ns.
Power consumption, unlike opto-isolators, is a function of operat-
ing frequency. Each logic line barrier driver requires about 160
µA
per MHz and each receiver 40
µA per MHz plus, of course, 4 mA
total idle current (each side). The supply current diminishes
slightly with increasing temperature (about –0.03%/
°C).
The total capacitance spanning the isolation barrier is less than
10 pF.
The minimum period of a pulse that can be accurately coupled
across the barrier is about 25 ns. Therefore the maximum
square-wave frequency of operation is 20 MHz.
Table I. Model Number and Pinout Function
Pin
AD261-0
AD261-1 AD261-2 AD261-3 AD261-4 AD261-5
1
S0 (Xmt)
S0 (Xmt) S0 (Xmt) S0 (Xmt) S0 (Xmt) S0 (Rcv)
2
S1 (Xmt)
S1 (Xmt) S1 (Xmt) S1 (Xmt) S1 (Rcv)
S1 (Rcv)
3
S2 (Xmt)
S2 (Xmt) S2 (Xmt) S2 (Rcv)
S2 (Rcv)
S2 (Rcv)
4
S3 (Xmt)
S3 (Xmt) S3 (Rcv) S3 (Rcv)
S3 (Rcv)
S3 (Rcv)
5
S4 (Xmt)
S4 (Rcv)
S4 (Rcv) S4 (Rcv)
S4 (Rcv)
S4 (Rcv)
6
ENABLESYS
*
*
***
7
+5 V dcSYS
*
*
***
8
5 V RTNSYS
*
*
***
9–14
Not Present
15
5 V RTNFLD
**
*
*
16
+5 V dcFLD
*
*
***
17
ENABLEFLD *
*
***
18
F0 (Rcv)
F0 (Rcv)
F0 (Rcv) F0 (Rcv)
F0 (Rcv)
F0 (Xmt)
19
F1 (Rcv)
F1 (Rcv)
F1 (Rcv) F1 (Rcv)
F1 (Xmt) F1 (Xmt)
20
F2 (Rcv)
F2 (Rcv)
F2 (Rcv) F2 (Xmt) F2 (Xmt) F2 (Xmt)
21
F3 (Rcv)
F3 (Rcv)
F3 (Xmt) F3 (Xmt) F3 (Xmt) F3 (Xmt)
22
F4 (Rcv)
F4 (Xmt) F4 (Xmt) F4 (Xmt) F4 (Xmt) F4 (Xmt)
*Pin function is the same on all models, as shown in the AD261-0 column.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com