Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S105 Datasheet(PDF) 6 Page - Analog Devices

Part # AD2S105
Description  Three-Phase Current Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S105 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD2S105 Datasheet HTML 2Page - Analog Devices AD2S105 Datasheet HTML 3Page - Analog Devices AD2S105 Datasheet HTML 4Page - Analog Devices AD2S105 Datasheet HTML 5Page - Analog Devices AD2S105 Datasheet HTML 6Page - Analog Devices AD2S105 Datasheet HTML 7Page - Analog Devices AD2S105 Datasheet HTML 8Page - Analog Devices AD2S105 Datasheet HTML 9Page - Analog Devices AD2S105 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD2S105
REV. 0
–6–
ANALOG SIGNAL INPUT AND OUTPUT CONNECTIONS
Input Analog Signals
All analog signal inputs to AD2S105 are voltages. There are two
different voltage levels of three-phase (0
°, 120°, 240°) signal in-
puts. One is the nominal level, which is
±2.8 V dc or 2 V rms
and the corresponding input pins are PH/IP1 (Pin 17), PH/IP2
(Pin 15), PH/IP3 (Pin 13) and PH/IP4 (Pin 11).
The high level inputs can accommodate voltages from nominal
up to a maximum of
±V
DD/VSS. The corresponding input pins
are PH/IPH1 (Pin 16), PH/IPH2 (Pin 14) and PH/IPH3 (Pin
12). The homopolar output can only be used in the three-phase
connection mode.
The converter can accept both two-phase format and three-
phase format input signals. For the two-phase format input, the
two inputs must be orthogonal to each other. For the three-
phase format input, there is the choice of using all three inputs
or using two of the three inputs. In the latter case, the third in-
put signal will be generated internally by using the information
of other two inputs. The high level input mode, however, can
only be selected with three-phase/three-input format. All these
different conversion modes, including nominal/high input level
and two/three-phase input format can be selected using two se-
lect pins (Pin 23, Pin 24). The functions are summarized in
Table I.
Table I. Conversion Mode Selection
CONV1
CONV2
Mode
Description
(Pin 23)
(Pin 24)
MODE1
2-Phase Orthogonal with 2 Inputs
NC
DGND
Nominal Input Level
MODE2
3-Phase (0
°, 120°, 240°) with 3 Inputs DGND
VDD
Nominal/High Input Level*
MODE3
3-Phase (0
°, 120°, 240°) with 2 Inputs V
DD
VDD
Nominal Input Level
*The high level input mode can only be selected with MODE2.
MODE1: 2-Phase/2 Inputs with Nominal Input Level
In this mode, PH/IP1 and PH/IP4 are the inputs and the Pins
12 through 16 must be left unconnected.
MODE2: 3-Phase/3 Inputs with Nominal/High Input Level
In this mode, either nominal or high level inputs can be used.
For nominal level input operation, PH/IP1, PH/IP2 and PH/IP3
are the inputs, and there should be no connections to PH/IPH1,
PH/IPH2 and PH/IPH3; similarly, for high level input opera-
tion, the PH/IPH1, PH/IPH2 and PH/IPH3 are the inputs, and
there should be no connections to PH/IP1, PH/IP2 and PH/IP3.
In both cases, the PH/IP4 should be left unconnected. For high
level signal input operation, select MODE2 only.
MODE3: 3-Phase/2 Inputs with Nominal Input Level
In this mode, PH/IP2 and PH/IP3 are the inputs and the third
signal will be generated internally by using the information of
other two inputs. It is recommended that PH/IP1, PH/IPH1,
PH/IPH2, PH/IP4 and PH/IPH3 should be left unconnected.
CONVERTER OPERATION
The architecture of the AD2S105 is illustrated in Figure 3. The
AD2S105 is configured in the forward transformation which ro-
tates the stator coordinates to the rotor reference frame.
Vector Rotation
Position data,
, is loaded into the input latch on the positive
edge of the strobe pulse. (For detail on the timing, please refer
to the “timing diagram.”) The negative edge of the strobe signi-
fies that conversion has commenced. A busy pulse is subse-
quently produced as data is passed from the input latches to the
Sin and Cos multipliers. During the loading of the multiplier,
the busy pulse remains high preventing further updates of
in
both the Sin and Cos registers.
The negative edge of the busy pulse signifies that the multipliers
are set up and the orthogonal analog inputs are then multiplied
real time. The resultant two outputs are accessed via the
PH/OP1 (Pin 7) and PH/OP4 (Pin 6).
For other configurations, please refer to “Transformation
Configuration.”
CONNECTING THE CONVERTER
Power Supply Connection
The power supply voltages connected to VDD and VSS pins
should be +5 V dc and –5 V dc and must not be reversed. Pin 4
(VDD) and Pin 41 (VDD) should both be connected to +5 V;
similarly, Pin 5 (VSS) and Pin 19 (VSS) should both be con-
nected to –5 V dc.
It is recommended that decoupling capacitors, 100 nF (ceramic)
and 10
µF (tantalum) or other high quality capacitors, are con-
nected in parallel between the power line VDD, VSS and AGND
adjacent to the converter. Separate decoupling capacitors should
be used for each converter. The connections are shown in Fig-
ure 4.
AD2S105
TOP VIEW
1
23
12
34
AGND
100nF
100nF
10
µF
10
µF
+
+
+5V
GND
–5V
Figure 4. AD2S105 Power Supply Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com