Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S93 Datasheet(PDF) 11 Page - Analog Devices

Part # AD2S93
Description  Low Cost LVDT-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2S93 Datasheet HTML 4Page - Analog Devices AD2S93 Datasheet HTML 5Page - Analog Devices AD2S93 Datasheet HTML 6Page - Analog Devices AD2S93 Datasheet HTML 7Page - Analog Devices AD2S93 Datasheet HTML 8Page - Analog Devices AD2S93 Datasheet HTML 9Page - Analog Devices AD2S93 Datasheet HTML 10Page - Analog Devices AD2S93 Datasheet HTML 11Page - Analog Devices AD2S93 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–11–
REV. A
AD2S93
The small step response is given in Figure 12, and is the time
taken for the converter to settled to within 1 LSB.
ts = 7 ms (14-bit resolution)
The large step response (steps >5% of FSR) applies when the
error voltage will exceed the linear range of the converter. Typi-
cally it will take three times longer to reach the first peak FSR.
In response to a velocity step [VELOUT/(d
θ/dt)] the velocity
output will exhibit the same response characteristics as outlined
above.
20
0
0
2%FS
16
12
8
4
Figure 12. Small Step Response
SOURCES OF ERROR
ACCELERATION ERROR
A tracking converter employing a Type 2 servo loop does not
suffer any velocity lag, however, there is an additional error due
to acceleration. This additional error can be defined using the
acceleration constant Ka of the converter.
Ka =
input acceleration
position
The numerator and denominator’s units must be consistent.
Ka does not define maximum input acceleration, only the error due
to its acceleration. The maximum acceleration allowable before
the converter loses track is dependent on the positional accuracy
requirement of the system.
Position Error
× Ka = LSB/sec2
Ka can be used to predict the output position error for a
given input acceleration. The AD2S93 in the example has
a Ka = 13.44 × 10
6 sec-2 if we apply an input accelerating at
100
× 214 LSB/sec2.
Error in LSBs =
input acceleration LSB/ sec
2
[]
K a sec
-2
[]
=
100
× 214
13.44
× 106
= 0.12 LSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com