Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE93C56 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE93C56
Description  Three-wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C56 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE93C56 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ACE93C46.56.66
Three-wire Serial EEPROM
VER 1.5
9
Organization Key for Timing Diagrams
I/O
ACE93C46 (1K)
ACE93C56 (2K)
ACE93C66 (4K)
*16
*8
*8
*16
*8
*16
AN
A5
A6
A8
(1)
A7
(2)
A8
A7
DN
D15
D7
D7
D15
D7
D15
Note : 1. A8 is a DON’T CARE value ,but the extra clock is required.
2. A7 is a DON’T CARE value ,but the extra clock is required.
Figure 2: Read Timing
Figure 3: EWEN Timing
Figure 4: EWDS Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com