Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE432 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE432
Description  Precision adjustable shunt voltage reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE432 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE432 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE432
Precision adjustable shunt voltage reference
VER 1.3
2
Packaging Type
Ordering information
ACE432
XX XXX + H
Description
TO-92
SOT-23-3(A)
SOT-23-3(B)
Cathode
1
2
1
Anode
2
3
3
Ref
3
1
2
NC
Halogen - free
EP : TO-92
BMA: SOT-23-3(A)
BMB: STO-23-3(B)
Reference Voltage accuracy :
A : 0.5%
B : 1%
C: 1.5%
D: 2%
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com