Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD420 Datasheet(PDF) 4 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 4 Page - Analog Devices

  AD420 Datasheet HTML 1Page - Analog Devices AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV. F
–4–
AD420
Timing Requirements (T
A = –40 C to +85 C, VCC = +12 V to +32 V)
THREE-WIRE INTERFACE
CLOCK
DATA IN
LATCH
DATA OUT
CLOCK
DATA IN
LATCH
DATA OUT
WORD "N"
WORD "N + 1"
WORD "N – 1"
WORD "N"
1
0
1 1
0 0
1
0 0
1 1 1
0 0
1 1
1
0 0
1
1 01 1
tCK
tCL
tCH
tDS
tDH
tDW
tLD
tLL
tLH
tSD
Figure 2. Timing Diagram for Three-Wire Interface
Table II. Timing Specification for Three-Wire Interface
Parameter
Label
Limit
Units
Data Clock Period
tCK
300
ns min
Data Clock Low Time
tCL
80
ns min
Data Clock High Time
tCH
80
ns min
Data Stable Width
tDW
125
ns min
Data Setup Time
tDS
40
ns min
Data Hold Time
tDH
5
ns min
Latch Delay Time
tLD
80
ns min
Latch Low Time
tLL
80
ns min
Latch High Time
tLH
80
ns min
Serial Output Delay Time
tSD
225
ns max
Clear Pulsewidth
tCLR
50
ns min
Three-Wire Interface Fast Edges on Digital Input
With a fast rising edge (<10 ns) on one of the serial inputs
(CLOCK, DATA IN, LATCH) while another input is logic
high, the part may be triggered into a test mode and the con-
tents of the data register may become corrupted, which may
result in the output being loaded with an incorrect value. If fast
edges are expected on the digital input lines, it is recommended
that the latch line remain at Logic 0 during serial loading of the
DAC. Similarly, the clock line should remain low during updates
of the DAC via the latch pin. Alternatively, the addition of
small value capacitors on the digital lines will slow down the
edge.
CLOCK
DATA IN
CLOCK
DATA IN
tADH
tACK
tADW
tACL
tADS
01
1
0
0
(INTERNALLY GENERATED LATCH)
EXPANDED TIME VIEW BELOW
CLOCK COUNTER STARTS HERE
CONFIRM START BIT
SAMPLE BIT 15
0
1
2
8
16
24
START BIT
DATA BIT 15
BIT 14
EXPANDED TIME VIEW BELOW
tACH
CLOCK
DATA IN
Figure 3. Timing Diagram for Asynchronous Interface
Table III. Timing Specifications for Asynchronous Interface
Parameter
Label Limit Units
Asynchronous Clock Period
tACK
400
ns min
Asynchronous Clock Low Time
tACL
50
ns min
Asynchronous Clock High Time
tACH
150
ns min
Data Stable Width (Critical Clock Edge) tADW
300
ns min
Data Setup Time (Critical Clock Edge)
tADS
50
ns min
Data Hold Time (Critical Clock Edge)
tADH
20
ns min
Clear Pulsewidth
tCLR
50
ns min
ASYNCHRONOUS INTERFACE
Note in the timing diagram for asynchronous mode operation
each data word is “framed” by a START (0) bit and a STOP
(1) bit. The data timing is with respect to the rising edge of the
CLOCK at the center of each bit cell. Bit cells are 16 clocks
long, and the first cell (the START bit) begins at the first clock
following the leading (falling) edge of the START bit. Thus the
MSB (D15) is sampled 24 clock cycles after the beginning of
the START bit, D14 is sampled at clock number 40, and so on.
During any “dead time” before writing the next word the
DATA IN pin must remain at Logic 1.
The DAC output updates when the STOP bit is received. In
the case of a “framing error” (the STOP bit sampled as a 0) the
AD420 will output a pulse at the DATA OUT pin one clock
period wide during the clock period subsequent to sampling the
STOP bit. The DAC output will not update if a “framing error”
is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com