Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD421BN Datasheet(PDF) 6 Page - Analog Devices

Part # AD421BN
Description  Loop-Powered 4 mA to 20 mA DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD421BN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD421BN Datasheet HTML 2Page - Analog Devices AD421BN Datasheet HTML 3Page - Analog Devices AD421BN Datasheet HTML 4Page - Analog Devices AD421BN Datasheet HTML 5Page - Analog Devices AD421BN Datasheet HTML 6Page - Analog Devices AD421BN Datasheet HTML 7Page - Analog Devices AD421BN Datasheet HTML 8Page - Analog Devices AD421BN Datasheet HTML 9Page - Analog Devices AD421BN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD421
–6–
REV. C
Table I. FET Characteristics
FET Type
N-Channel Depletion Mode
IDSS
24 mA min
BVDS
(VLOOP – VCC) min
VPINCHOFF
VCC max
Power Dissipation
24 mA
× (VLOOP – VCC) min
where VCC is the operating voltage of the AD421 and VLOOP is
the loop voltage.
The DN25D FET transistor from Supertex
1 meets all the above
requirements for the FET. Other suitable transistors include
ND2020L and ND2410L, both from Siliconix.
There are a number of external components required to com-
pensate the regulator loop and ensure stable operation. The
capacitor from the VCC pin to the COM pin is required to
stabilize the regulator loop.
To provide additional compensation for the regulator loop, a
compensation capacitor of 0.01
µF should be connected
between the COMP and DRIVE pins and an external circuit
of a 1 k
Ω resistor and a 1000 pF capacitor in series should be
connected between DRIVE and COM to stabilize this feed-
back loop formed with the regulator op amp and the external
pass transistor.
DAC Section
The AD421 contains a 16-bit sigma-delta DAC to convert the
digital information loaded to the input latch into a current. The
sigma-delta architecture is particularly useful for the relatively
low bandwidth requirements of the industrial control environ-
ment because of its inherent monotonicity at high resolution.
The AD421 guarantees monotonicity to the 16-bit level.
The sigma-delta DAC consists of a second order modulator
followed by a continuous time filter. The single bit stream from
the modulator controls a switched current source. This current
source is then filtered by three resistor-capacitor filter sections.
The resistors for each of the filter sections are on-chip while
the capacitors are external on the C1–C3 pins. To meet the
specified full-scale settling on the part, low dielectric absorption
capacitors (NPO) are required. Suitable values for these capacitors
are C1 = 0.01
µF, C2 = 0.01 µF, and C3 = 0.0033 µF.
Current Amplifier
The DAC output current drives the second section, an opera-
tional amplifier and NPN transistor which acts as a current
amplifier to set the current flowing through the LOOP RTN
pin. Figure 4 shows the current amplifier section of the AD421.
An 80 k
Ω resistor connected between the DAC output and loop
return is used as a sampling resistor to determine current. The
base drive to the NPN transistor servos the voltage across the
40
Ω resistor to equal the voltage across the 80 kΩ resistor.
CIRCUIT DESCRIPTION
The AD421 is designed for use in loop-powered 4–20 mA smart
transmitter applications. A smart transmitter, as a remote in-
strument, controls its current output signal on the same pair of
wires from which it receives its power. The AD421 essentially
provides three primary functions in the smart transmitter. These
functions are a DAC function for converting the microprocessor/
microcontroller’s digital data to analog format, a current amp-
lifier which sets the current flowing in the loop and a voltage
regulator to provide a stable operating voltage from the loop
supply. The part also contains a high speed serial interface, two
buffered output references and a clock oscillator circuit. The
different sections of the AD421 are discussed in more detail
below.
Voltage Regulator
The voltage regulator consists of an op amp, bandgap reference
and an external depletion mode FET pass transistor. This cir-
cuit is required to regulate the loop voltage that powers the
AD421 itself and the rest of the transmitter circuitry. Figure 3
shows the voltage regulator section of the AD421 plus the associ-
ated external circuitry for a VCC of 3.3 V.
1.21V
112.5k
134k
75k
121k
VCC
LV
2.2 F
COM
VCC TO EXTERNAL
CIRCUITRY
DN25D
DRIVE
COMP
0.01 F
1k
1000pF
LOOP(+)
BANDGAP
REFERENCE
AD421
0.01 F
Figure 3. AD421 Voltage Regulator Circuit to Provide
VCC = 3.3 V
The signal on the LV pin selects the voltage to which VCC
regulates by changing the gain of the resistor divider between
the op amp inverting input and the VCC pin. As the LV pin
varies between COM and VCC, the voltage from the regulator
loop varies between 3 V and 5 V nominal. With LV connected
to COM, the regulated voltage is 5 V; with LV connected
through a 0.01
µF capacitor to VCC, the regulated voltage is
3.3 V while if LV is connected to VCC, the regulated voltage
is 3 V.
The range of loop voltages that can be used by the configuration
shown in Figure 3 is determined by the FET breakdown and
saturation voltages. The external FET parameters such as Vgs
(off), IDSS and transconductance must be chosen so that the op
amp output on the DRIVE pin can control the FET operating
point while swinging in the range from VCC to COM.
The main characteristics for selecting the FET pass transistor
are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com