Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE809 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE809
Description  3-Pin Microprocessor Reset Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE809 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE809
3-Pin Microprocessor Reset Circuits
VER 1.3
1
Description
The ACE809 is a cost-effective system supervisor Integrated Circuit (IC) designed to monitor VCC in
digital and mixed signal systems and provide a warning signal when the system power supply is out of
working range, and a reset signal to the host processor when necessary. No external components are
required.
The reset output is driven active within 20μsec of VCC falling through the reset voltage threshold. Reset
is maintained active after VCC rises above the reset threshold. The ACE809 has an active-low RESET
output. The output of the ACE809 is guaranteed valid down to VCC=1V.
The ACE809 is characterized for operation from -40℃ to 85℃, junction temperature. The ACE809 is
optimized to reject fast transient glitches on the VCC line. Low supply current of 7μA (VCC=3.3V) makes
these devices suitable for battery powered applications. The output voltages range from 1.7V to 4.5V in
100mV increments. Standard voltage versions are 2.30, 2.63, 2.93, 3.08, 4.0, 4.38, and 4.63V.
Features
Precision Vcc Monitor for 2.8V, 3.0V,3.3V and 5.0V Supplies
150ms Guaranteed Minimum RESET Output Duration
RESET Output Guaranteed to Vcc=1.0V
Low 7μA Supply Current.
Vcc Transient Immunity.
No External Components.
ESD rating is 7KV(HBM)
Wide operating temperature: -40℃ to 85℃
Application
Embedded systems
Computers
Critical μP power supply monitoring
Battery powered equipment
Absolute Maximum Ratings
(1)
Parameter
Symbol
Max
Unit
Supply Voltage
VCC
5.5
V
Output Voltage
RESET -0.3 to (Vcc+0.3)
V
Input Current
20
mA
Output Current
IOUT
20
mA
Power Dissipation
PD
Internally Limited
(3)
Output short circuit duration
Infinite
Thermal resistance junction to ambient
θ
JA
230
℃/W
Operating Temperature Range
TA
-40~85
Operating junction temperature range
TJ
0 to 125
Storage temperature range
TS
-60 to 150


Similar Part No. - ACE809

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809LBM+H ACE-ACE809LBM+H Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809MBM+H ACE-ACE809MBM+H Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809N ACE-ACE809N Datasheet
651Kb / 8P
Ultra Low Power Microprocessor Reset IC
VER 1.2
More results

Similar Description - ACE809

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com