Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4054 Datasheet(PDF) 15 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE4054_12 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 18Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
15
To detect the charge statues of the ACE4054, connect a microprocessor and force the digital output pin
(OUT) high and measure the voltage at the CHRG pin, as shown in Figure4.
The N-channel MOSFET will pull the pin voltage low even with the 2K pull-up resistor. Once the charge
cycle terminates, the N-channel MOSFET is turned off and a 20
μA current source is connected to the
CHRG pin. The IN pin will then be pulled high by the 2K pull-up resistor. To determine if there is a weak
pull-down current, the OUT pin should be forced to a high impedance state. The weak current source will
pull the IN pin low through the 820K resistor; if CHRG is high impedance, the IN pin will be pulled high,
indicating that the part is in a UVLO state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com