Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5206 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5206
Description  4-/6-Channel Digital Potentiometers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 3 Page - Analog Devices

  AD5206 Datasheet HTML 1Page - Analog Devices AD5206 Datasheet HTML 2Page - Analog Devices AD5206 Datasheet HTML 3Page - Analog Devices AD5206 Datasheet HTML 4Page - Analog Devices AD5206 Datasheet HTML 5Page - Analog Devices AD5206 Datasheet HTML 6Page - Analog Devices AD5206 Datasheet HTML 7Page - Analog Devices AD5206 Datasheet HTML 8Page - Analog Devices AD5206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
–3–
AD5204/AD5206
REV. 0
5Resistor Terminals A, B, W, have no limitations on polarity with respect to each other.
6Guaranteed by design and not subject to production test.
7Measured at the Ax terminals. All Ax terminals are open-circuited in shutdown mode.
8P
DISS is calculated from (IDD × V DD). CMOS logic level inputs result in minimum power dissipation.
9All dynamic characteristics use V
DD = +5 V.
10See timing diagrams for location of measured values. All input control voltages are specified with t
R = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage
level of 1.5 V. Switching characteristics are measured using both V DD = +3 V or +5 V.
11Propagation delay depends on value of V
DD, RL and CL. See Operation section.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, –7 V
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
VA, VB, VW to GND . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Ax–Bx, Ax–Wx, Bx–Wx
. . . . . . . . . . . . . . . . . . . . . .
±20 mA
Digital Input and Output Voltage to GND . . . . . . . 0 V, +7 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD5204/AD5206 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
Package Power Dissipation . . . . . . . . . . . . . . (TJ max–TA)/
θ
JA
Thermal Resistance
θ
JA
P-DIP (N-24) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
°C/W
SOIC (SOL-24) . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
°C/W
TSSOP-24 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
°C/W
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com