Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT337 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT337
Description  High Performance ActivePSR Primary Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT337 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT337_12 Datasheet HTML 3Page - Active-Semi, Inc ACT337_12 Datasheet HTML 4Page - Active-Semi, Inc ACT337_12 Datasheet HTML 5Page - Active-Semi, Inc ACT337_12 Datasheet HTML 6Page - Active-Semi, Inc ACT337_12 Datasheet HTML 7Page - Active-Semi, Inc ACT337_12 Datasheet HTML 8Page - Active-Semi, Inc ACT337_12 Datasheet HTML 9Page - Active-Semi, Inc ACT337_12 Datasheet HTML 10Page - Active-Semi, Inc ACT337_12 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT337
Rev 2, 14-Nov-12
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL APPLICATION CONT’D
to a single point (star ground configuration).
NPN Selection Guideline
NPN transistors with HFE of 20 to 25 are highly
recommended in the design due to the start up
time. If the HFE is too low the start up time
becomes longer because of 30M start up resister.
VFB Sampling Waveforms
ACT337 senses the output voltage information
through the VFB waveforms. Proper VFB waveforms
are required for IC to operate in a stable status. To
avoid mis-sampling, 1.38µs blanking time is added
to blank the ringing period due to the leakage
inductance and the circuit parasitic capacitance.
Figure 2 is the recommended VFB waveform to
guarantee the correct sampling point so that the
output information can be sent back into the IC to
do the appropriate control.
VFB waveforms of Figure 3, Figure 4, and Figure 5
violate the sampling design margin and are not
recommended. Figure 3 has very long overshoot
period. Figure 4, and Figure 5 have very long
ringing period. The undesired waveforms cause the
IC to operate in an unstable mode easily due to
wrong feedback information.
Figure 2
Figure 3
Figure 4
Figure 5
1.8µs
1.8µs
1.8µs
1.8µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com