Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5262 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5262 Datasheet HTML 8Page - Analog Devices AD5262 Datasheet HTML 9Page - Analog Devices AD5262 Datasheet HTML 10Page - Analog Devices AD5262 Datasheet HTML 11Page - Analog Devices AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices AD5262 Datasheet HTML 15Page - Analog Devices AD5262 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD5260/AD5262
–12–
FREQUENCY – Hz
1k
1M
–54
6
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
CODE = FFH
01H
02H
04H
08H
10H
20H
40H
80H
TA = 25 C
TPC 18. Gain vs. Frequency vs. Code
RAB = 50 k
W
FREQUENCY – Hz
100
100k
1k
10k
CODE = 80H
VDD/VSS = 5V
TA = 25 C
R = 20k
R = 200k
R = 50k
TPC 21. Normalized Gain
Flatness vs. Frequency
20mV/DIV
1 s/DIV
5V/DIV
TPC 24. Mid-Scale Glitch
Energy, Code 80H to 7FH
FREQUENCY – Hz
1k
100k
–54
6
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
CODE = FFH
01H
02H
04H
08H
10H
20H
40H
80H
TA = 25 C
TPC 19. Gain vs. Frequency vs.
Code RAB = 200 k
W
FREQUENCY – Hz
10k
10M
0
600
1M
100
100k
200
300
400
500
CODE FFH
VDD/VSS = +5V/0V
VDD/VSS = 5V
CODE 55H
TPC 22. ILOGIC vs. Frequency
5V/DIV
20 s/DIV
5V/DIV
TPC 25. Large Signal Settling Time
FREQUENCY – Hz
1k
1M
–54
6
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
–3dB
BANDWIDTHS
VIN = 50mV rms
VDD/VSS = 5V
f–3dB = 310kHz, R = 20k
f–3dB = 131kHz, R = 50k
f–3dB = 30kHz, R = 200k
TPC 20. –3 dB Bandwidth
FREQUENCY – Hz
100
1M
0
600
10k
100
1k
200
300
400
500
100k
–PSRR @ VDD = 5V DC
10% p-p AC
+PSRR @ VDD = 5V DC
10% p-p AC
CODE = 80H, VA = VDD, VB = 0V
TPC 23. PSRR vs. Frequency
10mV/DIV
40ns/DIV
TPC 26. Digital Feedthrough vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com