Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8931A Datasheet(PDF) 18 Page - Active-Semi, Inc

Part # ACT8931A
Description  Advanced PMU for Rockchip RK2928/RK2926 Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8931A Datasheet(HTML) 18 Page - Active-Semi, Inc

Back Button ACT8931A Datasheet HTML 14Page - Active-Semi, Inc ACT8931A Datasheet HTML 15Page - Active-Semi, Inc ACT8931A Datasheet HTML 16Page - Active-Semi, Inc ACT8931A Datasheet HTML 17Page - Active-Semi, Inc ACT8931A Datasheet HTML 18Page - Active-Semi, Inc ACT8931A Datasheet HTML 19Page - Active-Semi, Inc ACT8931A Datasheet HTML 20Page - Active-Semi, Inc ACT8931A Datasheet HTML 21Page - Active-Semi, Inc ACT8931A Datasheet HTML 22Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
ACT8931A
Rev 3, 29-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 18 -
www.active-semi.com
ActivePath
TM CHARGER ELECTRICAL CHARACTERISTICS
(VCHGIN = 5.0V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ActivePath
CHGIN Operating Voltage Range
4.35
6.0
V
CHGIN UVLO Threshold
CHGIN Voltage Rising
3.1
3.5
3.9
V
CHGIN UVLO Hysteresis
CHGIN Voltage Falling
0.5
V
CHGIN OVP Threshold
CHGIN Voltage Rising
6.0
6.6
7.2
V
CHGIN OVP Hysteresis
CHGIN Voltage Falling
0.4
V
CHGIN Supply Current
VCHGIN < VUVLO
35
70
µA
VCHGIN < VBAT + 50mV, VCHGIN > VUVLO
100
200
µA
VCHGIN > VBAT + 150mV, VCHGIN > VUVLO
Charger disabled, IVSYS = 0mA
1.3
2.0
mA
CHGIN to VSYS On-Resistance
IVSYS = 100mA
0.3
Ω
CHGIN to VSYS Current Limit
ACIN = VSYS
1.5
2
A
ACIN = GA, CHGLEV = GA
80
90
100
mA
ACIN = GA, CHGLEV = VSYS
400
450
500
VSYS REGULATION
VSYS Regulated Voltage
IVSYS = 10mA
4.45
4.6
4.8
V
nSTAT OUTPUT
nSTAT Sink current
VnSTAT = 2V
4
8
12
mA
nSTAT Leakage Current
VnSTAT = 4.2V
1
µA
ACIN AND CHGLEV INPUTS
CHGLEV Logic High Input Voltage
1.4
V
CHGLEV Logic Low Input Voltage
0.4
V
CHGLEV Leakage Current
VCHGLEV = 4.2V
1
µA
ACIN Voltage Thresholds
ACIN voltage rising
1.03
1.2
1.31
V
ACIN Hysteresis Voltage
ACIN voltage falling
200
mV
ACIN Leakage Current
VACIN = 4.2V
1
µA
TH INPUT
TH Pull-Up Current
VCHGIN > VBAT + 100mV, Hysteresis = 50mV
91
102
110
µA
VTH Upper Temperature Voltage
Threshold (VTHH)
Hot Detect NTC Thermistor
0.47
0.50
0.53
V
VTH Lower Temperature Voltage
Threshold (VTHL)
Cold Detect NTC Thermistor
2.44
2.51
2.58
V
VTH Hysteresis
Upper and Lower Thresholds
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com