Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5220 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5220
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5220 Datasheet HTML 10Page - Analog Devices AD5220 Datasheet HTML 11Page - Analog Devices AD5220 Datasheet HTML 12Page - Analog Devices AD5220 Datasheet HTML 13Page - Analog Devices AD5220 Datasheet HTML 14Page - Analog Devices AD5220 Datasheet HTML 15Page - Analog Devices AD5220 Datasheet HTML 16Page - Analog Devices AD5220 Datasheet HTML 17Page - Analog Devices AD5220 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
–14–
AD5232
Table X. Active Trimming of One POT Followed by a Save to
Nonvolatile Memory (PCB Calibrate)
SDI
SDO
Action
B040H
XXXXH
Loads 40H data into RDAC1 register,
Wiper W1 moves to 1/4 full-scale
position.
E0XXH
B040H
Increments RDAC1 register by one to
41H, Wiper W1 moves one resistor
segment away from terminal B.
E0XXH
E0XXH
Increments RDAC1 register by one to
42H, Wiper W1 moves one more
resistor segment away from terminal B.
Continue until desired wiper position
reached.
20XXH
E0XXH
Saves RDAC1 register data into
corresponding nonvolatile EEMEM1
memory ADDR = 0H.
EQUIPMENT CUSTOMER STARTUP SEQUENCE FOR A
PCB CALIBRATED UNIT WITH PROTECTED SETTINGS
PCB setting: Tie
WP to GND [prevents changes in PCB
wiper set position]
Power VDD and VSS with respect to GND
Optional: Strobe
PR pin [ensures full power ON preset of
wiper register with EEMEM contents in unpredictable supply
sequencing environments]
Table XI. Using Left Shift by One to Change Circuit Gain in
6 dB Steps
SDI
SDO
Action
C1XXH
XXXXH
Moves Wiper W2 to double the present
data value contained in RDAC2 regis-
ter, in the direction of the A terminal.
C1XXH
XXXXH
Moves Wiper W2 to double the present
data value contained in RDAC2 regis-
ter, in the direction of the A terminal.
Table XII. Storing Additional Data in Nonvolatile Memory
SDI
SDO
Action
3280H
XXXXH
Stores 80H data into spare EEMEM
location USER1.
3340H
XXXXH
Stores 40H data into spare EEMEM
location USER2.
Table XIII. Reading Back Data from Various Memory Locations
SDI
SDO
Action
94XXH
XXXXH
Prepares data read from USER3 location.
Assumption: USER3 previously loaded
with 80H.
00XXH
XX80H
NOP instruction #0 sends 16-bit word
out of SDO where the last 8 bits con-
tain the contents of USER3 location.
NOP command ensures device returns
to idle power dissipation state.
Analog Devices offers the AD5232EVAL board for sale to
simplify evaluation of these programmable devices controlled by
a personal computer via the printer port.
TEST CIRCUITS
Figures 13 to 22 define the test conditions used in the product
specification’s table.
A
W
B
NC
IW
DUT
VMS
NC = NO CONNECT
Figure 13. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
A
W
B
DUT
VMS
V+
V+ = V DD
1LSB = V+/2N
Figure 14. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
A
W
B
DUT
IW
VMS1
VMS2
VW
RW = [VMS1 – V MS2]/IW
Figure 15. Wiper Resistance Test Circuit
A
W
B
VMS
V+ = V DD
10%
PSRR (dB) = 20 LOG
VMS
VDD
(
)
~
VA
VDD
VMS%
VDD%
PSS (%/%) =
V+
Figure 16. Power Supply Sensitivity Test Circuit (PSS, PSRR)
~
OFFSET BIAS
OFFSET
GND
AB
DUT
W
5V
VIN
VOUT
OP279
Figure 17. Inverting Gain Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com