Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5302 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5302
Description  2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5302 Datasheet HTML 2Page - Analog Devices AD5302 Datasheet HTML 3Page - Analog Devices AD5302 Datasheet HTML 4Page - Analog Devices AD5302 Datasheet HTML 5Page - Analog Devices AD5302 Datasheet HTML 6Page - Analog Devices AD5302 Datasheet HTML 7Page - Analog Devices AD5302 Datasheet HTML 8Page - Analog Devices AD5302 Datasheet HTML 9Page - Analog Devices AD5302 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD5302/AD5312/AD5322
–6–
DAC-TO-DAC CROSSTALK
This is the glitch impulse transferred to the output of one DAC
due to a digital code change and subsequent output change of
the other DAC. This includes both digital and analog crosstalk.
It is measured by loading one of the DACs with a full-scale code
change (all 0s to all 1s and vice versa) while keeping
LDAC low
and monitoring the output of the other DAC. The area of the
glitch is expressed in nV-secs.
DC CROSSTALK
This is the dc change in the output level of one DAC in re-
sponse to a change in the output of the other DAC. It is mea-
sured with a full-scale output change on one DAC while
monitoring the other DAC. It is expressed in
µV.
POWER-SUPPLY REJECTION RATIO (PSRR)
This indicates how the output of the DAC is affected by
changes in the supply voltage. PSRR is the ratio of the change in
VOUT to a change in VDD for full-scale output of the DAC. It is
measured in dBs. VREF is held at +2 V and VDD is varied
±10%.
REFERENCE FEEDTHROUGH
This is the ratio of the amplitude of the signal at the DAC out-
put to the reference input when the DAC output is not being
updated (i.e.,
LDAC is high). It is expressed in dBs.
TOTAL HARMONIC DISTORTION
This is the difference between an ideal sine wave and its attenu-
ated version using the DAC. The sine wave is used as the refer-
ence for the DAC and the THD is a measure of the harmonics
present on the DAC output. It is measured in dBs.
MULTIPLYING BANDWIDTH
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is a measure of this. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on
the output. The multiplying bandwidth is the frequency at
which the output amplitude falls to 3 dB below the input.
CHANNEL-TO-CHANNEL ISOLATION
This is a ratio of the amplitude of the signal at the output of one
DAC to a sine wave on the reference input of the other DAC. It
is measured in dBs.
ACTUAL
IDEAL
GAIN ERROR
PLUS
OFFSET ERROR
OUTPUT
VOLTAGE
POSITIVE
OFFSET
ERROR
DAC CODE
NEGATIVE
OFFSET
ERROR
AMPLIFIER
FOOTROOM
(1mV)
DEADBAND
Figure 2. Transfer Function with Negative Offset
OUTPUT
VOLTAGE
POSITIVE
OFFSET
ERROR
DAC CODE
GAIN ERROR
PLUS
OFFSET ERROR
ACTUAL
IDEAL
Figure 3. Transfer Function with Positive Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com