Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5303 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5303
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5303 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5303 Datasheet HTML 7Page - Analog Devices AD5303 Datasheet HTML 8Page - Analog Devices AD5303 Datasheet HTML 9Page - Analog Devices AD5303 Datasheet HTML 10Page - Analog Devices AD5303 Datasheet HTML 11Page - Analog Devices AD5303 Datasheet HTML 12Page - Analog Devices AD5303 Datasheet HTML 13Page - Analog Devices AD5303 Datasheet HTML 14Page - Analog Devices AD5303 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–11–
FUNCTIONAL DESCRIPTION
The AD5303/AD5313/AD5323 are dual resistor-string DACs
fabricated on a CMOS process with resolutions of 8, 10 and 12
bits respectively. They contain reference buffers, output buffer
amplifiers and are written to via a 3-wire serial interface. They
operate from single supplies of +2.5 V to +5.5 V and the output
buffer amplifiers provide rail-to-rail output swing with a slew
rate of 0.7 V/
µs. Each DAC is provided with a separate refer-
ence input, which may be buffered to draw virtually no current
from the reference source, or unbuffered to give a reference
input range from GND to VDD. The devices have three pro-
grammable power-down modes, in which one or both DACs
may be turned off completely with a high-impedance output, or
the output may be pulled low by an on-chip resistor.
Digital-to-Analog Section
The architecture of one DAC channel consists of a reference
buffer and a resistor-string DAC followed by an output buffer
amplifier. The voltage at the VREF pin provides the reference
voltage for the DAC. Figure 27 shows a block diagram of the
DAC architecture. Since the input coding to the DAC is straight
binary, the ideal output voltage is given by:
V
VD
OUT
REF
N
=
×
2
where
D = decimal equivalent of the binary code, which is loaded to
the DAC register;
0–255 for AD5303 (8 Bits)
0–1023 for AD5313 (10 Bits)
0–4095 for AD5323 (12 Bits)
N = DAC resolution
RESISTOR
STRING
OUTPUT BUFFER
AMPLIFIER
INPUT
REGISTER
DAC
REGISTER
BUF A
REFERENCE
BUFFER
VOUTA
VREFA
Figure 27. Single DAC Channel Architecture
Resistor String
The resistor string section is shown in Figure 28. It is simply a
string of resistors, each of value R. The digital code loaded to
the DAC register determines at what node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 28. Resistor String
DAC Reference Inputs
There is a reference input pin for each of the two DACs. The
reference inputs are buffered but can also be configured as un-
buffered. The advantage with the buffered input is the high
impedance it presents to the voltage source driving it. However,
if the unbuffered mode is used, the user can have a reference
voltage as low as GND and as high as VDD since there is no restric-
tion due to headroom and footroom of the reference amplifier.
If there is a buffered reference in the circuit (e.g., REF192), there
is no need to use the on-chip buffers of the AD5303/AD5313/
AD5323. In unbuffered mode the input impedance is still large
at typically 180 k
Ω per reference input for 0–VREF mode and
90 k
Ω for 0–2 VREF mode.
The buffered/unbuffered option is controlled by the BUF A and
BUF B pins. If the BUF pin is tied high, the reference input is
buffered, if tied low, it is unbuffered.
Output Amplifier
The output buffer amplifier is capable of generating output
voltages to within 1 mV of either rail which gives an output
range of 0.001 V to VDD – 0.001 V when the reference is VDD. It
is capable of driving a load of 2 k
Ω in parallel with 500 pF to
GND and VDD. The source and sink capabilities of the output
amplifier can be seen in Figure 15.
The slew rate is 0.7 V/
µs with a half-scale settling time to
±0.5 LSB (at 8 bits) of 6 µs.
POWER-ON RESET
The AD5303/AD5313/AD5323 are provided with a power-on
reset function, so that they power up in a defined state. The
power-on state is:
– Normal operation.
– 0–VREF output range.
– Output voltage set to 0 V.
Both input and DAC registers are filled with zeros and remain
so until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.
Clear Function (CLR)
The CLR pin is an active low input which, when pulled low,
loads all zeros to both input registers and both DAC registers.
This enables both analog outputs to be cleared to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com