Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ6115CI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ6115CI
Description  High Performance, Low RON, SPST Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6115CI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ6115CI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6115CI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AOZ6115
Rev. 2.2 February 2010
www.aosmd.com
Page 2 of 11
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Truth Table
Part Number
Ambient Temperature Range
Package
Environmental
AOZ6115CI
AOZ6115HI
-40°C to +85°C
SOT23 5-Lead
SC70 5-Lead
RoHS Compliant
Green Product
1
2
3
B
A
GND
5
4
VCC
S
SOT23-5L/SC70-5L
(Top View)
Logic S Input
Function
0
No Connection
1
A Connected to B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com