Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5207 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5207
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5207 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5207 Datasheet HTML 5Page - Analog Devices AD5207 Datasheet HTML 6Page - Analog Devices AD5207 Datasheet HTML 7Page - Analog Devices AD5207 Datasheet HTML 8Page - Analog Devices AD5207 Datasheet HTML 9Page - Analog Devices AD5207 Datasheet HTML 10Page - Analog Devices AD5207 Datasheet HTML 11Page - Analog Devices AD5207 Datasheet HTML 12Page - Analog Devices AD5207 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD5232
–9–
Table III. Instruction/Operation Truth Table
Instruction Byte 1
Data Byte 0
Inst
B15
B8
B7
B0
No.
C3 C2 C1 C0 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
Operation
0
0000
XXXX
XX
X
X
XXX
X
No Operation (NOP). Do nothing.
1
0001000A0
X
X
X
X
XXX
X
Write contents of EEMEM(A0) to
RDAC(A0) Register. This command
leaves device in the Read Program power
state. To return part to the idle state,
perform NOP instruction #0.
2
0010000A0
X
X
X
X
XXX
X
SAVE WIPER SETTING. Write con-
tents of RDAC(ADDR) to EEMEM(A0)
3
0011
<< ADDR >>
D7 D6 D5 D4 D3 D2 D1 D0
Write contents of Serial Register Data
Byte 0 to EEMEM(ADDR).
4
0100000A0
XXXXXXXX
Decrement 6 dB right shift contents of
RDAC(A0), stops at all “Zeros.”
5
0101
XXXX
XXXXXXXX
Decrement All 6 dB right shift contents
of all RDAC Registers, stops at all “Zeros.”
6
0110000A0
XXXXXXXX
Decrement contents of RDAC(A0) by
“One,” stops at all “Zeros.”
7
0111
XXXX
XXXXXXXX
Decrement contents of all RDAC Regis-
ters by “One,” stops at all “Zeros.”
8
10000000
XXXXXXXX
RESET. Load all RDACs with their cor-
responding EEMEM previously-saved
values.
9
1001
<< ADDR >>
XXXXXXXX
Write contents of EEMEM(ADDR) to
Serial Register Data Byte 0.
10
1010000A0
XXXXXXXX
Write contents of RDAC(A0) to Serial
Register Data Byte 0.
11
1011000A0
D7 D6 D5 D4 D3 D2 D1 D0
Write contents of Serial Register Data
Byte 0 to RDAC(A0).
12
1100000A0
XXXXXXXX
Increment 6 dB left shift contents of
RDAC(A0), stops at all “Ones.”
13
1101
XXXX
XXXXXXXX
Increment all 6 dB left shift contents
of all RDAC Registers, stops at all “Ones.”
14
1110000A0
XXXXXXXX
Increment contents of RDAC(A0) by
“One,” stops at all “Ones.”
15
1111
XXXX
XXXXXXXX
Increment contents of all RDAC Regis-
ters “One,” stops at all “Ones.”
NOTES
1. The SDO output shifts out the last eight bits of data clocked into the serial register for daisy-chain operation. Exception: following Instruction #9 or #10 the selected internal
register data will be present in data byte 0. Instructions following #9 and #10 must be a full 16-bit data word to completely clock out the contents of the serial register.
2. The RDAC register is a volatile scratch pad register that is refreshed at power-on from the corresponding nonvolatile EEMEM register.
3. The increment, decrement, and shift commands ignore the contents of the shift register Data Byte 0.
4. Execution of the Operation column noted in the table takes place when the
CS strobe returns to logic high.
5. Execution of a NOP instruction minimizes power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com