Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS756 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS756
Description  The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS756 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS756 Datasheet HTML 1Page - Allegro MicroSystems ACS756 Datasheet HTML 2Page - Allegro MicroSystems ACS756 Datasheet HTML 3Page - Allegro MicroSystems ACS756 Datasheet HTML 4Page - Allegro MicroSystems ACS756 Datasheet HTML 5Page - Allegro MicroSystems ACS756 Datasheet HTML 6Page - Allegro MicroSystems ACS756 Datasheet HTML 7Page - Allegro MicroSystems ACS756 Datasheet HTML 8Page - Allegro MicroSystems ACS756 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number1
TOP
(°C)
Primary Sampled
Current , IP
(A)
Packing2
ACS756SCA-050B-PFF-T
–20 to 85
±50
34 per tube
ACS756SCA-100B-PFF-T
–20 to 85
±100
ACS756KCA-050B-PFF-T
–40 to 125
±50
1Additional leadform options available for qualified volumes
2Contact Allegro for additional packing options.
conductive path are electrically isolated from the signal leads (pins
1 through 3). This allows the ACS756 family of sensor ICs to be
used in applications requiring electrical isolation without the use of
opto-isolators or other costly isolation techniques.
The device is fully calibrated prior to shipment from the factory.
The ACS75x family is lead (Pb) free. All leads are plated with 100%
matte tin, and there is no Pb inside the package. The heavy gauge
leadframe is made of oxygen-free copper.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Forward Supply Voltage
VCC
8V
Reverse Supply Voltage
VRCC
–0.5
V
Forward Output Voltage
VIOUT
28
V
Reverse Output Voltage
VRIOUT
–0.5
V
Working Voltage for Reinforced Isolation
VWORKING-R
Voltage applied between pins 1-3 and 4-5;
tested at 3000 VAC for 1 minute according to
UL standard 60950-1
353
VDC / Vpk
Working Voltage for Basic Isolation
VWORKING-B
Voltage applied between pins 1-3 and 4-5;
tested at 3000 VAC for 1 minute according to
UL standard 60950-1
500
VDC / Vpk
Output Source Current
IOUT(Source)
VIOUT to GND
3
mA
Output Sink Current
IOUT(Sink)
VCC to VIOUT
1
mA
Nominal Operating Ambient Temperature
TOP
Range K
–40 to 125
ºC
Range S
–20 to 85
ºC
Maximum Junction
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 165
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com