Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5262 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5262
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 1 Page - Analog Devices

  AD5262 Datasheet HTML 1Page - Analog Devices AD5262 Datasheet HTML 2Page - Analog Devices AD5262 Datasheet HTML 3Page - Analog Devices AD5262 Datasheet HTML 4Page - Analog Devices AD5262 Datasheet HTML 5Page - Analog Devices AD5262 Datasheet HTML 6Page - Analog Devices AD5262 Datasheet HTML 7Page - Analog Devices AD5262 Datasheet HTML 8Page - Analog Devices AD5262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD5232
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
*
8-Bit Dual Nonvolatile Memory
Digital Potentiometer
FEATURES
Nonvolatile Memory Preset Maintains Wiper Settings
Dual Channel, 256-Position Resolution
Full Monotonic Operation DNL < 1 LSB
10 k , 50 k , 100 k
Terminal Resistance
Linear or Log Taper Settings
Push-Button Increment/Decrement Compatible
SPI-Compatible Serial Data Input with Readback
Function
3 V to 5 V Single Supply or
2.5 V Dual Supply
Operation
14 Bytes of User EEMEM Nonvolatile Memory for
Constant Storage
Permanent Memory Write Protection
100-Year Typical Data Retention TA = 55 C
APPLICATIONS
Mechanical Potentiometer Replacement
Instrumentation: Gain, Offset Adjustment
Programmable Voltage-to-Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
Power Supply Adjustment
DIP Switch Setting
GENERAL DESCRIPTION
The AD5232 device provides a nonvolatile, dual-channel,
digitally controlled variable resistor (VR) with 256-position
resolution. These devices perform the same electronic adjust-
ment function as a potentiometer or variable resistor. The
AD5232’s versatile programming via a microcontroller allows
multiple modes of operation and adjustment.
In the direct program mode a predetermined setting of the RDAC
register can be loaded directly from the microcontroller.
Another key mode of operation allows the RDAC register to be
refreshed with the setting previously stored in the EEMEM
register. When changes are made to the RDAC register to estab-
lish a new wiper position, the value of the setting can be saved
into the EEMEM by executing an EEMEM save operation.
Once the settings are saved in the EEMEM register these values
will be automatically transferred to the RDAC register to set the
wiper position at system power ON. Such operation is enabled
by the internal preset strobe and the preset can also be accessed
externally.
All internal register contents can be read out of the serial data
output (SDO). This includes the RDAC1 and RDAC2 registers,
the corresponding nonvolatile EEMEM1 and EEMEM2 regis-
ters, and the 14 spare USER EEMEM registers available for
constant storage.
*Patent pending.
FUNCTIONAL BLOCK DIAGRAM
RDAC1
REGISTER
EEMEM1
RDAC2
REGISTER
EEMEM
CONTROL
14 BYTES
USER EEMEM
EEMEM2
AD5232
RDAC1
RDAC2
CS
CLK
WP
PR
SDI
GND
SDO
RDY
SDO
SERIAL
INTERFACE
ADDR
DECODE
VDD
VSS
A1
W1
B1
A2
W2
B2
SDI
The basic mode of adjustment is the increment and decrement
command controlling the present setting of the Wiper position
setting (RDAC) register. An internal scratch pad RDAC register
can be moved UP or DOWN one step of the nominal terminal
resistance between terminals A and B. This linearly changes the
wiper to B terminal resistance (RWB) by one position segment of
the devices’ end-to-end resistance (RAB). For exponential/loga-
rithmic changes in wiper setting, a left/right shift command
adjusts levels in
±6 dB steps, which can be useful for audio and
light alarm applications.
The AD5232 is available in a thin TSSOP-16 package. All parts
are guaranteed to operate over the extended industrial tempera-
ture range of –40
°C to +85°C. An evaluation board is available,
Part Number: AD5232EVAL.
CODE – Decimal
100
75
0
0
256
64
128
192
50
25
RWB
RWA
Figure 1. Symmetrical RDAC Operation


Similar Part No. - AD5262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5262 AD-AD5262 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5262 AD-AD5262 Datasheet
859Kb / 20P
1-/2-Channel 15 V Digital Potentiometers
AD5262 AD-AD5262 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
1-/2-Channel 15 V Digital Potentiometers
AD5262BRU20 AD-AD5262BRU20 Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
More results

Similar Description - AD5262

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Analog Devices
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com