| Electronic Components Datasheet Search |
|
ATS616LSG Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS616LSG Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 14 page ![]() Description The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to low operating speeds. Each package consists of a high-tem- perature plastic shell that holds together a samarium-cobalt pellet, a pole piece, and a differential open-collector Hall IC that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The technology used for this circuit is Hall-effect based. The chip incorporates a dual-element Hall IC that switches in response to differential magnetic signals created by fer- romagnetic targets. The sophisticated processing circuitry contains an A-to-D converter that self-calibrates (normal- izes) the internal gain of the device to minimize the effect of air-gap variations. The patented peak-detecting filter circuit eliminates magnet and system offsets and has the ability to discriminate relatively fast changes such as those caused by tilt, gear wobble, and eccentricities. This easy-to-integrate solution provides first-tooth detection and stable operation to extremely low rpm. The ATS616 can be used as a replace- ment for the ATS612LSB, eliminating the external peak- holding capacitor needed by the ATS612LSB. ATS616LSG-DS, Rev. 4 Features and Benefits • Self-calibrating for tight timing accuracy • First-tooth detection • Immunity to air gap variation and system offsets • Eliminates effects of signature tooth offsets • Integrated capacitor provides analog peak and valley information • Extremely low timing-accuracy drift with temperature changes • Large air gap capability • Small, integrated package • Optimized magnetic circuit • Undervoltage lockout (UVLO) • Wide operating voltage range Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor IC Package: 4-pin SIP (suffix SG) Functional Block Diagram Not to scale ATS616LSG Continued on the next page… GND VOUT VCC Voltage Regulator TEST Hall Amp Reference Generator Gain Current Limit (Recommended) Hall Amp Track and Hold Track and Hold UVLO Power-On Logic Tooth and Valley Comparator |
Similar Part No. - ATS616LSG_10 |
|
Similar Description - ATS616LSG_10 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |