Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS657LSHTN-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS657LSHTN-T
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657LSHTN-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS657LSHTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 12Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The processed differential internal analog signal, VPROC, of each
of the two channels is used to determine switchpoints, at which
the device determines direction information and changes to out-
put signal polarity. Because the value of VPROC is directly propor-
tional to the differential magnetic flux density, BDIFF, induced by
the target and sensed by the Hall elements, the switchpoints occur
at threshold levels that correspond to certain levels of BDIFF.
The operate point, BOP, occurs when VPROC rises through a cer-
tain limit, VPROC(BOP) . When BOP occurs, the channel internally
switches from low to high. When VPROC falls below VPROC(BOP)
through a certain limit, VPROC(BRP), the release point, BRP,
occurs and the channel state switches from high to low.
As shown in panel C of figure 4, the threshold levels for the
ATS657 switchpoints are established as a function of the two
previous signal peaks detected. The ATS657 incorporates an
algorithm that continuously monitors VPROC and then updates the
switching thresholds to correspond to any amplitude reduction.
For any given target edge transition, the change in threshold level
is limited. Each channel operates in this manner, independent of
each other, so independent switchpoint thresholds are calculated
for each channel.
Continuous Update of Switchpoints
(A) TEAG varying; cases such as eccentric mount,
out-of-round region, normal operation position shift
(B) Internal analog signal, VPROC, typically resulting in the IC
0
360
Target Rotation (°)
Hysteresis Band
(Delimited by switchpoints)
V+
Larger
TEAG
Smaller
TEAG
IC
Target
Larger
TEAG
Target
IC
Smaller
TEAG
Smaller
TEAG
Pk(#4)
Pk(#5)
Pk(#7)
Pk(#9)
Pk(#2)
Pk(#3)
Pk(#1)
Pk(#6)
Pk(#8)
B
HYS(#4)
B
HYS(#3)
V+
BRP(#1)
BOP(#1)
BRP(#2)
BRP(#3)
BOP(#3)
BRP(#4)
BOP(#4)
BOP(#2)
V
PROC(BOP)
(#1)
V
PROC(BOP)
(#2)
V
PROC(BOP)
(#3)
V
PROC(BOP)
(#4)
V
PROC(BRP)
(#1)
V
PROC(BRP)
(#2)
V
PROC(BRP)
(#3)
V
PROC(BRP)
(#4)
B
HYS(#1)
B
HYS(#2)
Figure 4. The Continuous Update algorithm allows the Allegro IC to immediately interpret and adapt to variances in the magnetic field generated by the
target as a result of eccentric mounting of the target, out-of-round target shape, elevation due to lubricant build-up in journal gears, and similar dynamic
application problems that affect the TEAG (Total Effective Air Gap). Not detailed in the figure are the boundaries for peak capture DAC movement which
intentionally limit the amount of internal signal variation the IC is able to react to over a single transition. The algorithm is used to dynamically establish
and subsequently update the device switchpoint levels (VPROC(BOP) and VPROC(BRP)). The hysteresis, BHYS(#x), at each target feature configuration results
from this recalibration, ensuring that it remains properly proportioned and centered within the peak-to-peak range of the internal analog signal, VPROC.
As shown in panel A, the variance in the target position results in a change in the TEAG. This affects the IC as a varying magnetic field, which results in
proportional changes in the internal analog signal, VPROC, shown in panel B. The Continuous Update algorithm is used to establish accurate switchpoint
levels based on the fluctuation of VPROC, as shown in panel C.
BHYS
Switchpoint
Determinant
Peak Values
1
BOP(#1)
Pk(#1), Pk(#2)
BRP(#1)
Pk(#2), Pk(#3)
2
BOP(#2)
Pk(#3), Pk(#4)
BRP(#2)
Pk(#4), Pk(#5)
3
BOP(#3)
Pk(#5), Pk(#6)
BRP(#3)
Pk(#6), Pk(#7)
4
BOP(#4)
Pk(#7), Pk(#8)
BRP(#4)
Pk(#8), Pk(#9)
(C) Referencing the internal analog signal, VPROC, to continuously update device response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com