Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6521 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6521
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6521 Datasheet HTML 1Page - ANADIGICS, Inc AWT6521 Datasheet HTML 2Page - ANADIGICS, Inc AWT6521 Datasheet HTML 3Page - ANADIGICS, Inc AWT6521 Datasheet HTML 4Page - ANADIGICS, Inc AWT6521 Datasheet HTML 5Page - ANADIGICS, Inc AWT6521 Datasheet HTML 6Page - ANADIGICS, Inc AWT6521 Datasheet HTML 7Page - ANADIGICS, Inc AWT6521 Datasheet HTML 8Page - ANADIGICS, Inc AWT6521 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
02/2012
AWT6521
AWT6521
Multi-Band LTE/CDMA/WCDMA/HSPA
Power Amplifier
Data Sheet - Rev 2.4
22 Pin 5 mm x 7 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
•
LTE, WCDMA/HSPA & CDMA/EVDO
Applications
•
High Output Power
• +28.5 dBm or more in WCDMA (R99)
• +27.5 dBm or more in CDMA (RC1)
•
High power-added efficiency
• 40% in high power mode (WCDMA mode)
•
Low profile 5 mm x 7 mm x 1 mm package
•
2 input ports, 5 output ports, all matched to
50 Ω impedance
•
Integrated voltage regulator
•
Built-in Directional Coupler
•
Internal DC block on IN/OUT RF ports
•
Low leakage in shutdown mode
•
ESD Protection on all pins
•
RoHS-compliant package, MSL-3, 260°C
APPLICATIONS
• LTE, WCDMA/HSPA handsets and data devices
operating in UMTS Bands 1, 2, 3, 4, 5, 8 and 25
• CDMA/EVDO handsets and data devices
operating in Band Class 0, 1, 6 and 15
High Band
Low Band
Combiner
Network
PRODUCT DESCRIPTION
The AWT6521 Power Amplifier module is designed
for 3G/4G handsets, smartphones, modems and
modules operating in LTE, WCDMA/HSPAand CDMA/
EVDO modes. The module includes two separate
InGaP HBT amplifier chains - one to support 850/900
bands, the other for 1700/1900/2100MHz bands. An
innovative design allows the module to switch output
among as many as 5 different frequency bands. Both
the input and output RF ports are internally matched
to 50 Ω. The AWT6521 offers improved efficiency and
low quiescent current, and includes integrated daisy
chained couplers to simplify board design and layout.


Similar Part No. - AWT6521

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
More results

Similar Description - AWT6521

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
SKY77704 SKYWORKS-SKY77704 Datasheet
75Kb / 2P
Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band V (824-849 MHz)
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
TQM776011 TRIQUINT-TQM776011 Datasheet
204Kb / 1P
Multi-mode (WCDMA B1 / CDMA BC6 / HSPA / LTE) 3x3mm PA Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-5505 AVAGO-AJAV-5505 Datasheet
244Kb / 6P
W-CDMA/HSPA Band V Power Amplifier
AJAV-6101 AVAGO-AJAV-6101 Datasheet
178Kb / 2P
WCDMA/HSPA Band Power Amplifier
logo
ANADIGICS, Inc
ALT6526 ANADIGICS-ALT6526 Datasheet
779Kb / 17P
Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
Rev 2.5
logo
Broadcom Corporation.
AJAV-6101 BOARDCOM-AJAV-6101 Datasheet
178Kb / 2P
WCDMA/HSPA Band | Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com