Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD534KH Datasheet(PDF) 1 Page - Analog Devices

Part # AD534KH
Description  Internally Trimmed Precision IC Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534KH Datasheet(HTML) 1 Page - Analog Devices

  AD534KH Datasheet HTML 1Page - Analog Devices AD534KH Datasheet HTML 2Page - Analog Devices AD534KH Datasheet HTML 3Page - Analog Devices AD534KH Datasheet HTML 4Page - Analog Devices AD534KH Datasheet HTML 5Page - Analog Devices AD534KH Datasheet HTML 6Page - Analog Devices AD534KH Datasheet HTML 7Page - Analog Devices AD534KH Datasheet HTML 8Page - Analog Devices AD534KH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PIN CONFIGURATIONS
a
AD534
Internally Trimmed
Precision IC Multiplier
FEATURES
Pretrimmed to
0.25% max 4-Quadrant Error (AD534L)
All Inputs (X, Y and Z) Differential, High Impedance for
[(X1 – X2) (Y1 – Y2)/10 V] + Z2 Transfer Function
Scale-Factor Adjustable to Provide up to X100 Gain
Low Noise Design: 90
V rms, 10 Hz–10 kHz
Low Cost, Monolithic Construction
Excellent Long Term Stability
APPLICATIONS
High Quality Analog Signal Processing
Differential Ratio and Percentage Computations
Algebraic and Trigonometric Function Synthesis
Wideband, High-Crest rms-to-dc Conversion
Accurate Voltage Controlled Oscillators and Filters
Available in Chip Form
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
TO-116 (D-14)
Package
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC = NO CONNECT
X1
+VS
NC
AD534
OUT
Z1
Z2
NC
–VS
X2
NC
SF
NC
Y1
Y2
TO-100 (H-10A)
Package
–VS
+VS
OUT
Z1
Z2
Y2
Y1
SF
X2
X1
AD534
TOP VIEW
(Not To Scale)
LCC (E-20A)
Package
3
21
20 19
91011 12
13
4
5
6
7
8
NC
NC
SF
NC
NC
18
17
16
15
14
OUT
NC
Z1
NC
Z2
AD534
TOP VIEW
(Not To Scale)
NC = NO CONNECT
PRODUCT DESCRIPTION
The AD534 is a monolithic laser trimmed four-quadrant multi-
plier divider having accuracy specifications previously found
only in expensive hybrid or modular products. A maximum
multiplication error of
±0.25% is guaranteed for the AD534L
without any external trimming. Excellent supply rejection, low
temperature coefficients and long term stability of the on-chip
thin film resistors and buried Zener reference preserve accuracy
even under adverse conditions of use. It is the first multiplier to
offer fully differential, high impedance operation on all inputs,
including the Z-input, a feature which greatly increases its flex-
ibility and ease of use. The scale factor is pretrimmed to the
standard value of 10.00 V; by means of an external resistor, this
can be reduced to values as low as 3 V.
The wide spectrum of applications and the availability of several
grades commend this multiplier as the first choice for all new
designs. The AD534J (
±1% max error), AD534K (±0.5% max)
and AD534L (
±0.25% max) are specified for operation over the
0
°C to +70°C temperature range. The AD534S (±1% max) and
AD534T (
±0.5% max) are specified over the extended tempera-
ture range, –55
°C to +125°C. All grades are available in her-
metically sealed TO-100 metal cans and TO-116 ceramic DIP
packages. AD534J, K, S and T chips are also available.
PROVIDES GAIN WITH LOW NOISE
The AD534 is the first general purpose multiplier capable of
providing gains up to X100, frequently eliminating the need for
separate instrumentation amplifiers to precondition the inputs.
The AD534 can be very effectively employed as a variable gain
differential input amplifier with high common-mode rejection.
The gain option is available in all modes, and will be found to
simplify the implementation of many function-fitting algorithms
such as those used to generate sine and tangent. The utility of
this feature is enhanced by the inherent low noise of the AD534:
90
µV, rms (depending on the gain), a factor of 10 lower than
previous monolithic multipliers. Drift and feedthrough are also
substantially reduced over earlier designs.
UNPRECEDENTED FLEXIBILITY
The precise calibration and differential Z-input provide a degree
of flexibility found in no other currently available multiplier.
Standard MDSSR functions (multiplication, division, squaring,
square-rooting) are easily implemented while the restriction to
particular input/output polarities imposed by earlier designs has
been eliminated. Signals may be summed into the output, with
or without gain and with either a positive or negative sense.
Many new modes based on implicit-function synthesis have
been made possible, usually requiring only external passive
components. The output can be in the form of a current, if
desired, facilitating such operations as integration.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD534KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534KH AD-AD534KH Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD534KH AD-AD534KH Datasheet
332Kb / 20P
Internally Trimmed Precision IC Multiplier
Rev. D
AD534KHZ AD-AD534KHZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD534KHZ AD-AD534KHZ Datasheet
332Kb / 20P
Internally Trimmed Precision IC Multiplier
Rev. D
More results

Similar Description - AD534KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD532 AD-AD532_15 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD510 AD-AD510 Datasheet
378Kb / 4P
Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com