Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9525 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9525 Datasheet HTML 3Page - Analog Devices AD9525 Datasheet HTML 4Page - Analog Devices AD9525 Datasheet HTML 5Page - Analog Devices AD9525 Datasheet HTML 6Page - Analog Devices AD9525 Datasheet HTML 7Page - Analog Devices AD9525 Datasheet HTML 8Page - Analog Devices AD9525 Datasheet HTML 9Page - Analog Devices AD9525 Datasheet HTML 10Page - Analog Devices AD9525 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 7 of 48
TIMING CHARACTERISTICS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION DELAY, tPECL, CLKIN TO LVPECL OUTPUT
Termination as shown in Figure 35
For All M Divider Values
461
522
600
ps
High frequency clock distribution configuration
Variation with Temperature
388
fs/°C
OUTPUT SKEW, LVPECL OUTPUTS1
All LVPECL Outputs
13.5
25.2
ps
Across temperature and VDD per device
Temperature Coefficient
14
fs/°C
All LVPECL Outputs Across Multiple Parts
144
ps
OUTPUT SKEW, LVPECL-TO-SYNC_OUT1
SYNC_OUT LVPECL Mode
All LVPECL Outputs
189
298
ps
Across temperature and VDD per device
Temperature Coefficient
543
fs/°C
All LVPECL Outputs Across Multiple Parts
417
ps
SYNC_OUT CMOS Mode
All LVPECL Outputs
1.64
2.34
ns
Across temperature and VDD per device
All LVPECL Outputs Across Multiple Parts
2.46
ns
PROPAGATION DELAY, REF TO LVPECL OUTPUT
267
581
924
ps
REF refers to either REFA/REFA or REFB/REFB pairs
1
The output skew is the difference between any two paths while operating at the same voltage and temperature.
Timing Diagrams
CLK
tCMOS
tCLK
tPECL
Figure 2. CLK/CLK to Clock Output Timing, M Divider = 1
DIFFERENTIAL
LVPECL
80%
20%
tRP
tFP
Figure 3. LVPECL Timing, Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com