Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9525BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9525BCPZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9525BCPZ Datasheet HTML 20Page - Analog Devices AD9525BCPZ Datasheet HTML 21Page - Analog Devices AD9525BCPZ Datasheet HTML 22Page - Analog Devices AD9525BCPZ Datasheet HTML 23Page - Analog Devices AD9525BCPZ Datasheet HTML 24Page - Analog Devices AD9525BCPZ Datasheet HTML 25Page - Analog Devices AD9525BCPZ Datasheet HTML 26Page - Analog Devices AD9525BCPZ Datasheet HTML 27Page - Analog Devices AD9525BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 24 of 48
Single Shot Mode
In single shot mode one sync pulse occurs after writing SYNC
ENABLE 0x192[4] = 1. An IO_UPDATE is required to complete
a register write. The width of the sync pulse is determined by the
value of the S divider. A divider value of 0x0000 allows a pulse
whose width is equal to one half period of the phase detector rate.
A divider value of 0x0001 allows a pulse whose width is equal
to two half periods of the phase detector rate. In single shot
mode, the sync enable bit is self-clearing and the sync circuits
are ready to receive another sync enable.
Periodic Mode
In periodic mode, the pulse is continuous until SYNC ENABLE
is cleared by a register writing SYNC ENABLE 0x192[4] = 0.
An IO_UPDATE is required to complete a register write. The
width of the sync pulse is equal to one half period of the phase
detector rate. The pulse repetition rate is determined by the
value of the S divider. A divider value of 0x0000 allows a pulse
rate equal to the phase detector rate. A divider value of 0x0001
allows a pulse rate equal to two half periods of the phase detector
rate. The SYNC_OUT signal is resampled with the OUT clock
to ensure time alignment and minimum output skew. There is a
possibility in periodic mode that the SYNC_OUT could slip one
half cycle of the OUT clock period.
Pseudorandom Mode
Pseudorandom mode is similar to periodic mode but the pulse
is a PN17 sequence that is continuous until SYNC ENABLE is
cleared by a register writing SYNC ENABLE 0x192[4] = 0. An
IO_UPDATE is required to complete a register write. The width
of the sync pulse is equal to one half period the phase detector
rate. The pulse repetition rate is determined by the value of the
S divider. A divider value of 0x0000 allows a pulse rate equal to
the phase detector rate. A divider value of 0x0001 allows pulse
rate equal to two half the phase detector rate.
SYNC_OUT Programming
The procedure to configure the SYNC_OUT depends on the
logic requirement of the converters that require synchroniza-
tion. Analog Devices, Inc., converters are synchronized on the
rise edge of the SYNC pulse.
SYNC_OUT CMOS Driver
The user can also configure the LVPECL SYNC_OUT as a pair
of CMOS outputs. When the output is configured as CMOS,
CMOS Output A and CMOS Output B are automatically turned
on. Either CMOS Output A or Output B can be turned on or off
independently. The user can also select the relative polarity of the
CMOS outputs for any combination of inverting and noninverting
(see Register 0x0F9). The user can power down each CMOS output
as needed to save power. The CMOS driver is in tristate when it is
powered down.
REF CLOCK
SYNC_OUT
MODE = SINGLE SHOT
S DIVIDER = 0
SYNC_OUT
MODE = PERIODIC
SYNC ENABLE = LOW
(SINGLE SHOT SELF CLEARING)
IO_UPDATE
SYNC_OUT
MODE = PN17
tSTOP
tSTART
SYNC ENABLE = HIGH
(SINGLE SHOT SELF CLEARING)
IO_UPDATE
Figure 24. SYNC Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com