Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9525/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9525/PCBZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9525/PCBZ Datasheet HTML 35Page - Analog Devices AD9525/PCBZ Datasheet HTML 36Page - Analog Devices AD9525/PCBZ Datasheet HTML 37Page - Analog Devices AD9525/PCBZ Datasheet HTML 38Page - Analog Devices AD9525/PCBZ Datasheet HTML 39Page - Analog Devices AD9525/PCBZ Datasheet HTML 40Page - Analog Devices AD9525/PCBZ Datasheet HTML 41Page - Analog Devices AD9525/PCBZ Datasheet HTML 42Page - Analog Devices AD9525/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 39 of 48
Table 36. Reserved
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x01B
[7:0]
Reserved
Reserved.
0: default. All bits should be set to 0.
Table 37. PLL Block Power-Down
Reg.
Addr.
(Hex)
Bits
Name
Description
0x01C 7
N divider
ECL 2 CMOS
power-down
Turns off the N divider’s output clock. This stops the clock to the PFD and the frequency monitors.
0: clock on (default).
1: clock off.
6
N divider
power-down
N divider power-down.
0: N divider on (default).
1: N divider off.
5
REFB Divider
ECL 2 CMOS
power-down
This bit stops the clock to the frequency monitors for REFB. If this bit is disabled, the automatic reference
switchover does not operate. In some configurations, enabling the REFB divider ECL 2 CMOS may increase
reference spurs on clock outputs.
0: on.
1: off (default).
4
REFA Divider
ECL 2 CMOS
power-down
This bit stops the clock to the frequency monitors for REFA. If this bit is disabled, the automatic reference
switchover does not operate. In some configurations, enabling the REFA Divider ECL 2 CMOS may
increase reference spurs on clock outputs.
0: on (default).
1: off.
3
REFB divider
power-down
Powers down REFB divider. The REFB input receiver is still powered up.
0: REFB divider on (default).
1: REFB divider off.
2
REFA divider
power-down
Powers down REFA divider. The REFA input receiver is still powered up.
0: REFA divider on (default).
1: REFA divider off.
1
REFB channel
power-down
Powers down REFB channel. The REFB input receiver is powered down.
0: REFB channel on.
1: REFB channel off (default).
0
REFA channel
power-down
Powers down REFA channel. The REFA input receiver is powered down.
0: REFA channel on (default).
1: REFA channel off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com