Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD537 Datasheet(PDF) 3 Page - Analog Devices

Part # AD537
Description  Integrated Circuit Voltage-to-Frequency Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD537 Datasheet(HTML) 3 Page - Analog Devices

  AD537 Datasheet HTML 1Page - Analog Devices AD537 Datasheet HTML 2Page - Analog Devices AD537 Datasheet HTML 3Page - Analog Devices AD537 Datasheet HTML 4Page - Analog Devices AD537 Datasheet HTML 5Page - Analog Devices AD537 Datasheet HTML 6Page - Analog Devices AD537 Datasheet HTML 7Page - Analog Devices AD537 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Applying the AD537
CIRCUIT OPERATION
Block diagrams of the AD537 are shown above. A versatile
operational amplifier (BUF) serves as the input stage; its pur-
pose is to convert and scale the input voltage signal to a drive
current in the NPN follower. Optimum performance is achieved
when, at the full-scale input voltage, a 1 mA drive current is
delivered to the current-to-frequency converter. The drive cur-
rent to the current-to-frequency converter (an astable
multivibrator) provides both the bias levels and the charging
current to the externally connected timing capacitor. This
“adaptive” bias scheme allows the oscillator to provide low non-
linearity over the entire current input range of 0.1
µA to
2000
µA. The square wave oscillator output goes to the output
driver which provides a floating base drive to the NPN power
transistor. This floating drive allows the logic interface to be ref-
erenced to a different level than –VS. The “SYNC” input (“D”
package only) allows the oscillator to be slaved to an external
master oscillator; this input can also be used to shut off the
oscillator.
The reference generator uses a bandgap circuit (this allows
single-supply operation to 4.5 volts which is not possible with
low T.C. Zeners) to provide the reference and bias levels for the
amplifier and oscillator stages. The reference generator also pro-
vides the precision, low T.C. 1.00 volt output and the VTEMP
output which tracks absolute temperature at 1 mV/K.
V-F CONNECTION FOR POSITIVE INPUT VOLTAGES
The positive voltage input range is from –VS (ground in single
supply operation) to 4 volts below the positive supply. The con-
nection shown in Figure 1 provides a very high (250 M
Ω) input
impedance. The input voltage is converted to the proper drive
current at Pin 3 by selecting a scaling resistor. The full-scale
current is 1 mA, so, for example a 10 volt range would require a
nominal 10 k
Ω resistor. The trim range required will depend on
capacitor tolerance. Full-scale currents other than 1 mA can be
chosen, but linearity will be reduced; 2 mA is the maximum
allowable drive.
As indicated by the scaling relationship in Figure 1, a 0.01
µF
timing capacitor will give a 10 kHz full-scale frequency, and
0.001
µF will give 100 kHz with a 1 mA drive current. The
maximum frequency is 150 kHz. Polystyrene or NPO ceramic
capacitors are preferred for T.C. and dielectric absorption;
polycarbonate or mica are acceptable; other types will degrade
linearity. The capacitor should be wired very close to the
AD537.
1
2
14
13
5
6
7
10
9
8
3
4
12
11
AD537
DRIVER
CURR-
TO-FREQ
CONV
PRECISION
VOLTAGE
REFERENCE
VT
VR
GUARD RING
R2
R1
VIN 10kΩ
10µF
OPTIONAL
INPUT
FILTER
C
RT
20k
ROUT
fOUT
+VS
FO =
VIN
10 (R1 + R2) C
BUF
Figure 1. Standard V-F Connection for Positive Input
Voltages
V-F CONNECTIONS FOR NEGATIVE INPUT VOLTAGE
OR CURRENT
A wide range of negative input voltages can be accommodated
with proper selection of the scaling resistor, as indicated in Fig-
ure 2. This connection, unlike the buffered positive connection,
is not high impedance since the 1 mA F.S. drive current must be
supplied by the signal source. However, very large negative volt-
ages beyond the supply can be handled easily; just modify the
scaling resistors appropriately. Diode CR1 (HP50822811) is
necessary for overload and latchup protection for current or
voltage inputs.
If the input signal is a true current source, R1 and R2 are not
used. Full-scale calibration can be accomplished by connecting a
200 k
Ω pot in series with a fixed 27 kΩ from Pin 7 to –V
S (see
calibration section, below).
1
2
14
13
5
6
7
10
9
8
3
4
12
11
AD537
BUF
DRIVER
CURR-
TO-FREQ
CONV
PRECISION
VOLTAGE
REFERENCE
VT
VR
VIN
0 TO –10V
C
20k
Ω
5k
Ω (TYP)
fOUT
+VS
FO =
VIN
10 (R1 + R2) C
CR1
0 TO –1mA
IIN
R1
R2
FOUT =
IIN
10C
Figure 2. V-F Connections for Negative Input Voltage or
Current
CALIBRATION
There are two independent adjustments: scale and offset. The
first is trimmed by adjustment of the scaling resistor R and the
second by the (optional) potentiometer connected to +VS and
the VOS pins (“D” package only). Precise calibration requires the
use of an accurate voltage standard set to the desired FS value
and a frequency meter; a scope is useful for monitoring output
waveshape. Verification of linearity requires the availability of a
switchable voltage source (or a DAC) having a linearity error
below
±0.005%, and the use of long measurement intervals to
minimize count uncertainties. Every AD537 is automatically tested
for linearity, and it will not usually be necessary to perform this
verification, which is both tedious and time-consuming.
Although drifts are small it is good practice to allow the operat-
ing environment to attain stable temperature and to ensure that
the supply, source and load conditions are proper. Begin by set-
ting the input voltage to 1/10,000 of full scale. Adjust the offset
pot until the output frequency is 1/10,000 of full scale (for ex-
ample 1 Hz for FS of 10 kHz). This is most easily accomplished
using a frequency meter connected to the output. Then apply
the FS input voltage and adjust the gain pot until the desired FS
frequency is indicated. In applications where the FS input is
small, this adjustment will very slightly affect the offset voltage,
due to the input bias current of the buffer amplifier. A change of
lk
Ω in R will affect the input by approximately 100 µV, which is
as much as 0.1% of a 100 mV FS range. Therefore, it may be
necessary to repeat the offset and scale adjustments for the high-
est accuracy. The design of the input amplifier is such that the
input voltage drift after offset nulling is typically below l
µV/°C.
REV. C
–3–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com